Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 11Page - Texas Instruments TUSB320 Datasheet HTML 12Page - Texas Instruments TUSB320 Datasheet HTML 13Page - Texas Instruments TUSB320 Datasheet HTML 14Page - Texas Instruments TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
TUSB320, TUSB320I
www.ti.com
SLLSEN9C – MAY 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320 TUSB320I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5 Register Maps
Table 6. CSR Registers
ACCESS
TAG
NAME
MEANING
R
Read
The field may be read by software.
W
Write
The field may be written by software.
S
Set
The field may be set by a write of one. Writes of zeros to the field have no effect.
C
Clear
The field may be cleared by a write of one. Writes of zeros to the field have no effect.
U
Update
Hardware may autonomously update this field.
NA
No Access
Not accessible or not applicable.
Table 7. CSR Registers Bit Address and Description
ADDRESS
BIT(S)
BIT NAME
DESCRIPTION
ACCESS
0x00 – 0x07
7:0
DEVICE_ID
For the TUSB320 device these fields return a string of ASCII
characters returning TUSB320
Addresses 0x07 - 0x00 = {0x00 0x54 0x55 0x53 0x42 0x33
0x32 0x30}
R
0x08
7:6
CURRENT_MODE_ADVERTISE
These bits are programmed by the application to raise the
current advertisement from default.
00 – Default (500 mA / 900 mA) initial value at startup
01 – Mid (1.5 A)
10 – High (3 A)
11 – Reserved
RW
5:4
CURRENT_MODE_DETECT
These bits are set when a UFP determines the Type-C
Current mode.
00 – Default (value at start up)
01 – Medium
10 – Charge through accessory – 500 mA
11 – High
RU
3:1
ACCESSORY_CONNECTED
These bits are read by the application to determine if an
accessory was attached.
000 – No accessory attached (default)
001 – Reserved
010 – Reserved
011 – Reserved
100 – Audio accessory
101 – Audio charged thru accessory
110 – Debug accessory
111 – Reserved
RU
0
ACTIVE_CABLE_DETECTION
This flag indicates that an active cable has been plugged
into the Type-C connector. When this field is set, an active
cable is detected.
RU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com