Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB320 Datasheet HTML 1Page - Texas Instruments TUSB320 Datasheet HTML 2Page - Texas Instruments TUSB320 Datasheet HTML 3Page - Texas Instruments TUSB320 Datasheet HTML 4Page - Texas Instruments TUSB320 Datasheet HTML 5Page - Texas Instruments TUSB320 Datasheet HTML 6Page - Texas Instruments TUSB320 Datasheet HTML 7Page - Texas Instruments TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CC1
CC2
GPIO
CC Logic
For Mode
Configuration and
Detection
GPIOs
I2C
Controller
VBUS
Detection
VBUS
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB320, TUSB320I
SLLSEN9C – MAY 2015 – REVISED SEPTEMBER 2016
TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
1
1 Features
1
•
USB Type-C™ Specification 1.1
•
Backward Compatible with USB Type-C
Specification 1.0
•
Supports Up to 3 A of Current Advertisement and
Detection
•
Mode Configuration
–
Host Only – DFP (Source)
–
Device Only – UFP (Sink)
–
Dual Role Port – DRP
•
Channel Configuration (CC)
–
Attach of USB Port Detection
–
Cable Orientation Detection
–
Role Detection
–
Type-C Current Mode (Default, Medium, High)
•
VBUS Detection
•
I2C or GPIO Control
•
Role Configuration Control through I2C
•
Supply Voltage: 2.7 V to 5 V
•
Low Current Consumption
•
Industrial Temperature Range of –40 to 85°C
2 Applications
•
Host, Device, Dual Role Port Applications
•
Mobile Phones
•
Tablets and Notebooks
•
USB Peripherals
3 Description
The TUSB320 device enables USB Type-C ports with
the configuration channel (CC) logic needed for Type-
C ecosystems. The TUSB320 device uses the CC
pins to determine port attach and detach, cable
orientation, role detection, and port control for Type-C
current
mode.
The
TUSB320
device
can
be
configured as a downstream facing port (DFP),
upstream facing port (UFP) or a dual role port (DRP)
making it ideal for any application.
The TUSB320 device alternates configuration as a
DFP or UFP according to the Type-C Specifications.
The CC logic block monitors the CC1 and CC2 pins
for pullup or pulldown resistances to determine when
a USB port has been attached, the orientation of the
cable, and the role detected. The CC logic detects
the Type-C current mode as default, medium, or high
depending on the role detected. VBUS detection is
implemented to determine a successful attach in UFP
and DRP modes.
The device operates over a wide supply range and
has low-power consumption. The TUSB320 device is
available in industrial and commercial temperature
ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB320
X2QFN (12)
1.60 mm × 1.60 mm
TUSB320I
X2QFN (12)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematic
Sample Applications


Similar Part No. - TUSB320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB320 TI2-TUSB320 Datasheet
1Mb / 36P
TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
REVISED MARCH 2022
TUSB3200 TI-TUSB3200 Datasheet
350Kb / 93P
USB Streaming Controller STC
TUSB3200A TI-TUSB3200A Datasheet
379Kb / 93P
USB STREAMING CONTROLLER (STC)
TUSB3200A TI1-TUSB3200A Datasheet
1Mb / 102P
USB Streaming Controller (STC)
TUSB3200AC97 TI-TUSB3200AC97 Datasheet
350Kb / 93P
USB Streaming Controller STC
More results

Similar Description - TUSB320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com