Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LI Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB320LI Datasheet HTML 1Page - Texas Instruments TUSB320LI Datasheet HTML 2Page - Texas Instruments TUSB320LI Datasheet HTML 3Page - Texas Instruments TUSB320LI Datasheet HTML 4Page - Texas Instruments TUSB320LI Datasheet HTML 5Page - Texas Instruments TUSB320LI Datasheet HTML 6Page - Texas Instruments TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Characteristics .......................................... 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Feature Description................................................... 9
7.3
Device Functional Modes........................................ 13
7.4
Programming........................................................... 15
7.5
Register Maps ......................................................... 16
8
Application and Implementation ........................ 21
8.1
Application Information............................................ 21
8.2
Typical Application .................................................. 21
8.3
Initialization Set Up ................................................ 28
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................. 29
10.2
Layout Example .................................................... 29
11
Device and Documentation Support ................. 30
11.1
Related Links ........................................................ 30
11.2
Community Resources.......................................... 30
11.3
Trademarks ........................................................... 30
11.4
Electrostatic Discharge Caution ............................ 30
11.5
Glossary ................................................................ 30
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
Changes from Revision A (February 2016) to Revision B
Page
•
Changed pins CC1 and CC2 values From: MIN = –0.3 MAX = VDD + 0.3 To: MIN –0.3 MAX = 6 in the Absolute
Maximum Ratings ................................................................................................................................................................... 4
Changes from Original (August 2015) to Revision A
Page
•
Added Note 1 and 2 to the Pin Functions table...................................................................................................................... 3
•
Changed the DESCRIPTION of pin EN_N pin in the Pin Functions table ............................................................................. 4
•
Changed the DESCRIPTION of pin EN pin in the Pin Functions table.................................................................................. 4
•
Changed the DESCRIPTION of pin VDD in the Pin Functions table ....................................................................................... 4
•
Added Note 2 to the Electrical Characteristics table ............................................................................................................. 5
•
Added Test Condition "See Figure 1" to VBUS_THR in the Electrical Characteristics ......................................................... 6
•
Replaced the Timing Requirements table ............................................................................................................................. 6
•
Added Note: "SW must make sure..." to the Description of INTERRUPT_STATUS in Table 9 ......................................... 18
•
Added text to list item 2 in the TUSB320L Initialization Procedure section ......................................................................... 28
•
Added text to list item 2 in the TUSB320H Initialization Procedure section......................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com