Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LI Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB320LI Datasheet HTML 1Page - Texas Instruments TUSB320LI Datasheet HTML 2Page - Texas Instruments TUSB320LI Datasheet HTML 3Page - Texas Instruments TUSB320LI Datasheet HTML 4Page - Texas Instruments TUSB320LI Datasheet HTML 5Page - Texas Instruments TUSB320LI Datasheet HTML 6Page - Texas Instruments TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
CC1
CC2
GPIO
CC Logic
For Mode
Configuration and
Detection
GPIOs
I2C
Controller
VBUS
Detection
VBUS
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
TUSB320LI, TUSB320HI USB Type-C Configuration Channel Logic and Port Control
1
1 Features
1
•
USB Type-C™ Specification 1.1
•
Backward Compatible with USB Type-C
Specification 1.0
•
Supports Up to 3 A of Current Advertisement and
Detection
•
Mode Configuration
–
Host Only – DFP (Source)
–
Device Only – UFP (Sink)
–
Dual Role Port – DRP
–
Supports both Try.SRC and Try.SNK
•
Channel Configuration (CC)
–
Attach of USB Port Detection
–
Cable Orientation Detection
–
Role Detection
–
Type-C Current Mode (Default, Medium, High)
•
VBUS Detection
•
I2C or GPIO Control
•
Role Configuration Control through I2C
•
Supply Voltage: 2.7 V to 5 V
•
Low Current Consumption
•
Industrial Temperature Range of –40 to 85°C
2 Applications
•
Host, Device, Dual Role Port Applications
•
Mobile Phones
•
Tablets and Notebooks
•
USB Peripherals
3 Description
The TUSB320LI and TUSB320HI devices (remainder
of this document called TUSB320 unless otherwise
noted)
enables
USB
Type-C
ports
with
the
configuration channel (CC) logic needed for Type-C
ecosystems. The TUSB320 devices use the CC pins
to
determine
port
attach
and
detach,
cable
orientation, role detection, and port control for Type-C
current
mode.
The
TUSB320
devices
can
be
configured as a downstream facing port (DFP),
upstream facing port (UFP) or a dual role port (DRP)
making it ideal for any application.
The TUSB320 devices alternate configuration as a
DFP or UFP according to the Type-C specifications.
The CC logic block monitors the CC1 and CC2 pins
for pullup or pulldown resistances to determine when
a USB port has been attached, the orientation of the
cable, and the role detected. The CC logic detects
the Type-C current mode as default, medium, or high
depending on the role detected. VBUS detection is
implemented to determine a successful attach in UFP
and DRP modes.
The devices operate over a wide supply range and
have low-power consumption. The TUSB320 is
available in two versions of enable: Active low enable
called TUSB320LI and active high enable called
TUSB320HI. The TUSB320 family of devices are
available in industrial temperature ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB320HI
X2QFN (12)
1.60 mm × 1.60 mm
TUSB320LI
X2QFN (12)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Sample Applications


Similar Part No. - TUSB320LI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI2-TUSB320LAI Datasheet
1Mb / 38P
TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
REVISED MAY 2017
TUSB320LAIRWBR TI1-TUSB320LAIRWBR Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAIRWBR TI2-TUSB320LAIRWBR Datasheet
1Mb / 38P
TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
REVISED MAY 2017
TUSB320LAIRWBR.A TI2-TUSB320LAIRWBR.A Datasheet
1Mb / 38P
TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
REVISED MAY 2017
More results

Similar Description - TUSB320LI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
USB Type-C Port Control with Power Delivery
logo
Will Semiconductor Ltd.
WUSB3801 WILLSEMI-WUSB3801 Datasheet
323Kb / 16P
USB Type-C Configuration Channel Flippable Adapter
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com