Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LI Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB320LI Datasheet HTML 1Page - Texas Instruments TUSB320LI Datasheet HTML 2Page - Texas Instruments TUSB320LI Datasheet HTML 3Page - Texas Instruments TUSB320LI Datasheet HTML 4Page - Texas Instruments TUSB320LI Datasheet HTML 5Page - Texas Instruments TUSB320LI Datasheet HTML 6Page - Texas Instruments TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
GND
8
7
2
1
VBUS_DET
4
11
EN
PORT
VDD
3
12
ADDR
5
10
ID
6
9
INT_N/OUT3
GND
8
7
2
1
VBUS_DET
4
11
EN_N
PORT
VDD
3
12
ADDR
5
10
ID
6
9
INT_N/OUT3
3
TUSB320HI, TUSB320LI
www.ti.com
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RWB Package
12-Pin X2QFN
TUSB320L Top View
RWB Package
12-Pin X2QFN
TUSB320H Top View
(1)
When VDD is off, the TUSB320 non-failsafe pins (VBUS_DET, ADDR, PORT, ID, OUT[3:1] pins) could back-drive the TUSB320 device if
not handled properly. When necessary to pull these pins up, it is recommended to pullup PORT, ADDR, INT_N/OUT3, and ID to the
device VDD supply. The VBUS_DET must be pulled up to VBUS through a 900-kΩ resistor.
(2)
When using the 3.3 V supply for I2C, the end user must ensure that the VDD is 3 V and above. Otherwise the I
2C may back power the
device.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
TUSB320L
TUSB320H
CC1
1
1
I/O
Type-C configuration channel signal 1
CC2
2
2
I/O
Type-C configuration channel signal 2
PORT(1)
3
3
I
Tri-level input pin to indicate port mode. The state of this pin is sampled when TUSB320L's
EN_N is asserted low, TUSB320H's EN is asserted high, and VDD is active. This pin is also
sampled following a I2C_SOFT_RESET.
H - DFP (Pull-up to VDD if DFP mode is desired)
NC - DRP (Leave unconnected if DRP mode is desired)
L - UFP (Pull-down or tie to GND if UFP mode is desired)
VBUS_DET(1)
4
4
I
5- to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ
external resistor required between system VBUS and VBUS_DET pin.
ADDR(1)
5
5
I
Tri-level input pin to indicate I2C address or GPIO mode:
H - I2C is enabled and I2C 7-bit address is 0x67.
NC - GPIO mode (I2C is disabled)
L - I2C is enabled and I2C 7-bit address is 0x47.
ADDR pin should be pulled up to VDD if high configuration is desired
INT_N/OUT3(1)
6
6
O
The INT_N/OUT3 is a dual-function pin. When used as the INT_N, the pin is an open drain
output in I2C control mode and is an active low interrupt signal for indicating changes in I2C
registers. When used as OUT3, the pin is in audio accessory detect in GPIO mode: no
detection (H), audio accessory connection detected (L).
SDA/OUT1(1)(2)
7
7
I/O
The SDA/OUT1 is a dual-function pin. When I2C is enabled (ADDR pin is high or low), this pin
is the I2C communication data signal. When in GPIO mode (ADDR pin is NC), this pin is an
open drain output for communicating Type-C current mode detect when the device is in UFP
mode: default current mode detected (H); medium or high current mode detected (L).
SCL/OUT2(1)(2)
8
8
I/O
The SCL/OUT2 is a dual function pin. When I2C is enabled (ADDR pin is high or low), this pin
is the I2C communication clock signal. When in GPIO mode (ADDR pin is NC), this pin is an
open drain output for communicating Type-C current mode detect when the device is in UFP
mode: default or medium current mode detected (H); high current mode detected (L).
ID(1)
9
9
O
Open drain output; asserted low when the CC pins detect device attachment when port is a
source (DFP), or dual-role (DRP) acting as source (DFP).
GND
10
10
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com