Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320LI Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 10Page - Texas Instruments TUSB320LI Datasheet HTML 11Page - Texas Instruments TUSB320LI Datasheet HTML 12Page - Texas Instruments TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments TUSB320LI Datasheet HTML 15Page - Texas Instruments TUSB320LI Datasheet HTML 16Page - Texas Instruments TUSB320LI Datasheet HTML 17Page - Texas Instruments TUSB320LI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3.2 Active Mode
Active mode is defined as the port being attached. In active mode, all GPIOs are operational, and I2C is read /
write (R/W). When in active mode, the TUSB320 device communicates to the AP that the USB port is attached.
This happens through the ID pin if TUSB320 is configured as a DFP or DRP connect as source. If TUSB320 is
configured as a UFP or a DRP connected as a sink, the OUT1/OUT2 and INT_N/OUT3 pins are used. The
TUSB320 device exits active mode under the following conditions:
•
Cable unplug
•
VBUS removal if attached as a UFP
•
Dead battery; system battery or supply is removed
•
TUSB320L EN_N pin floated or pulled high
•
TUSB320H EN pin floated or pulled low.
During active mode, I2C be used to change the mode configuration. This can be done by following the sequence
below. This same sequence is valid when TUSB320 is in unattached mode.
•
Set DISABLE_TERM register (address 0x0A bit 0) to a 1'b1.
•
Change MODE_SELECT register (address 0x0A bits 5:4) to desired mode of operation.
•
Wait 5 ms.
•
Clear DISABLE_TERM register (address 0x0A bit 0) to 1'b0.
7.3.3 Dead Battery Mode
During dead battery mode, VDD is not available. CC pins always default to pulldown resistors in dead battery
mode. Dead battery mode means:
•
TUSB320 in UFP with 5.1-kΩ ± 20% Rd; cable connected and providing charge
•
TUSB320 in UFP with 5.1-kΩ ± 20% Rd; nothing connected (application could be off or have a discharged
battery)
NOTE
When VDD is off, the TUSB320 non-failsafe pins (VBUS_DET, ADDR, PORT, ID, OUT[3:1]
pins) could back-drive the TUSB320 device if not handled properly. When necessary to
pull these pins up, it is recommended to pullup PORT, ADDR, INT_N/OUT3, and ID to the
device’s VDD supply. The VBUS_DET must be pulled up to VBUS through a 900-kΩ
resistor.
7.3.4 Shutdown Mode
Shutdown mode for TUSB320L device is defined as follows:
•
Supply voltage available and EN_N pin is pulled high or floating.
•
EN_N pin has internal pullup resistor.
•
The TUSB320L device is off, but still maintains the Rd on the CC pins
Shutdown mode for TUSB320H device is defined as follows:
•
Supply voltage available and EN pin is pulled low or floating.
•
EN pin has internal pulldown resistor.
•
The TUSB320H device is off, but still maintains the Rd on the CC pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com