Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA2000U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000U Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA2000U Datasheet HTML 4Page - NXP Semiconductors PCA2000U Datasheet HTML 5Page - NXP Semiconductors PCA2000U Datasheet HTML 6Page - NXP Semiconductors PCA2000U Datasheet HTML 7Page - NXP Semiconductors PCA2000U Datasheet HTML 8Page - NXP Semiconductors PCA2000U Datasheet HTML 9Page - NXP Semiconductors PCA2000U Datasheet HTML 10Page - NXP Semiconductors PCA2000U Datasheet HTML 11Page - NXP Semiconductors PCA2000U Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2003 Dec 17
8
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
Table 3
Description of word A bits
Table 4
Description of word B bits
Notes
1. Including the highest driving stage, which one has no
motor step detection.
2. If the maximum duty cycle of 75% is selected, not all
programming combinations are possible since the
second highest level must be smaller than the highest
driving level.
Table 5
Description of word C bits
Note
1. Between positive and negative detection pulses.
BIT
VALUE
DESCRIPTION
Inhibit time
1to7
−
Adjust the number of the 8192 Hz
pulses to be removed. Bit 1 is the
MSB and bit 7 is the LSB.
Calibration period
8
0
1 minute
1
2 minutes
BIT
VALUE
DESCRIPTION
Duty cycle lowest driving stage
1 to 2
00
37.5%
01
43.75%
10
50%
11
56.25%
Number of driving stages
3 to 4
00
3
01
4
10
5
11
6; note 1
Duty cycle highest driving stage
5
0
75%; note 2
1
100%
Stretching pulse
6
0
pulse is not stretched
1
pulse of 2tpr and duty cycle of 25%
is added
Factory test bits
7to8
−
BIT
VALUE
DESCRIPTION
Pulse width tpr (ms)
1 to 3
000
0.98
001
1.95
010
2.90
011
3.90
100
4.90
101
5.90
110
6.80
111
7.80
Time delay tmax (ms); note 1
4 to 6
000
3.91
001
4.88
010
5.86
011
6.84
100
7.81
101
8.79
110
9.77
111
10.74
EOL voltage of the battery
7
0
1.38 V (silver-oxide)
1
2.5 V (lithium)
Factory test bit
8
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com