Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA2000U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000U Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA2000U Datasheet HTML 7Page - NXP Semiconductors PCA2000U Datasheet HTML 8Page - NXP Semiconductors PCA2000U Datasheet HTML 9Page - NXP Semiconductors PCA2000U Datasheet HTML 10Page - NXP Semiconductors PCA2000U Datasheet HTML 11Page - NXP Semiconductors PCA2000U Datasheet HTML 12Page - NXP Semiconductors PCA2000U Datasheet HTML 13Page - NXP Semiconductors PCA2000U Datasheet HTML 14Page - NXP Semiconductors PCA2000U Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
2003 Dec 17
11
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
VDD
VDD(mod)
VP(mod)
(1)
VSS
t0
mgw357
IDD
t1 t1
t3
t2
t1
t2
t2
t2
t2
VP(start)
tp(start)
VP(stop)
tp(stop)
Fig.8 Supply voltage modulation and corresponding supply current variation for reading word B.
(1)
∆I
DD
V
DD
30 k
Ω
----------------
=
Frequency tuning of assembled watch
Figure 9 shows the test set-up for frequency tuning the assembled watch.
handbook, full pagewidth
MGW568
FREQUENCY
COUNTER
PROGRAMMABLE
DC POWER SUPPLY
PC INTERFACE
PC
M
motor
32 kHz
PCA200x
battery
Fig.9 Frequency tuning at assembled watch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com