Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2000U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000U Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2000U Datasheet HTML 6Page - NXP Semiconductors PCA2000U Datasheet HTML 7Page - NXP Semiconductors PCA2000U Datasheet HTML 8Page - NXP Semiconductors PCA2000U Datasheet HTML 9Page - NXP Semiconductors PCA2000U Datasheet HTML 10Page - NXP Semiconductors PCA2000U Datasheet HTML 11Page - NXP Semiconductors PCA2000U Datasheet HTML 12Page - NXP Semiconductors PCA2000U Datasheet HTML 13Page - NXP Semiconductors PCA2000U Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2003 Dec 17
10
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
handbook, full pagewidth
MGW356
VDD
VP(mod)
VDD(mod)
VSS
VP(start)
tp(start)
t0
t1 t1 t1
t3
t2
t3
t2
t3
t3
t4
tstore
Vstore
Vpre-store
tpre-store
Fig.7 Supply voltage modulation for programming.
Checking memory content
The stored data of the OTP array can be checked bit wise
by measuring the supply current. The array word is
selected by the instruction state and the bit is addressed
by the shift register.
To read a word, the word is first selected (pulse
distance t1), and a logic 1 is written into the first cell of the
shift register (pulse distance t3). This logic 1 is then shifted
through the entire shift register (pulse distance t2), so that
it points with each clock pulse to the next bit.
If the addressed OTP cell contains a logic 1, a 30 k
Ω
resistor is connected between VDD and VSS, which
increases the supply current accordingly.
Figure 8 shows the supply voltage modulation for reading
word B, with the corresponding supply current variation for
word B = 110101 (sequence: first MSB and last LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com