Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2000U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000U Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2000U Datasheet HTML 1Page - NXP Semiconductors PCA2000U Datasheet HTML 2Page - NXP Semiconductors PCA2000U Datasheet HTML 3Page - NXP Semiconductors PCA2000U Datasheet HTML 4Page - NXP Semiconductors PCA2000U Datasheet HTML 5Page - NXP Semiconductors PCA2000U Datasheet HTML 6Page - NXP Semiconductors PCA2000U Datasheet HTML 7Page - NXP Semiconductors PCA2000U Datasheet HTML 8Page - NXP Semiconductors PCA2000U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2003 Dec 17
2
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
FEATURES
• Amplitude-regulated 32 kHz quartz crystal oscillator,
with excellent frequency stability and high immunity to
leakage currents
• Electrically programmable time calibration with 1 ppm
resolution stored in One Time Programmable (OTP)
memory
• The quartz crystal is the only external component
connected
• Very low power consumption, typical 90 nA
• One second output pulses for bipolar stepping motor
• Minimum power consumption for the entire watch, due
to self adaptation of the motor drive according to the
required torque
• Reliable step detection circuit
• Motor pulse width, pulse modulation, and pulse
adaptation range programmable in a wide range, stored
in OTP memory
• Stop function for accurate time setting and power saving
during shelf life
• End Of Life (EOL) indication for silver oxide or lithium
battery (only the PCA2000 has the EOL feature)
• Test mode for accelerated testing of the mechanical
parts and the IC.
APPLICATIONS
• Driver circuits for bipolar stepping motors
• High immunity motor drive circuits.
GENERAL DESCRIPTION
The PCA2000; PCA2001 are CMOS integrated circuits for
battery operated wrist watches with a 32 kHz quartz
crystal as timing element and a bipolar 1 Hz stepping
motor. The quartz crystal oscillator and the frequency
divider are optimized for minimum power consumption.
A timing accuracy of 1 ppm is achieved with a
programmable, digital frequency adjustment.
To obtain the minimum overall power consumption for the
watch, an automatic motor pulse adaptation function is
provided. The circuit supplies only the minimum drive
current, which is necessary to ensure a correct motor step.
Changing the drive current of the motor is achieved by
chopping the motor pulse with a variable duty cycle. The
pulse width and the range of the variable duty cycle can be
programmed to suit different types of motor. The automatic
pulse adaptation scheme is based on a safe dynamic
detection of successful motor steps.
A pad RESET is provided (used for stopping the motor) for
accurate time setting and for accelerated testing of the
watch.
The PCA2000 has a battery EOL warning function. If the
battery voltage drops below the EOL threshold voltage
(which can be programmed for silver oxide or lithium
batteries), the motor steps change from one pulse per
second to a burst of four pulses every 4 seconds.
The PCA2001 uses the same circuit as the PCA2000, but
without the EOL function.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA2000U/AA
−
bare die; chip in tray
−
PCA2001U/AA
−
bare die; chip in tray
−
PCA2000U/10AA
−
bare die; chip on film frame carrier
−
PCA2001U/10AA
−
bare die; chip on film frame carrier
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com