Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 35Page - Texas Instruments TUSB7320 Datasheet HTML 36Page - Texas Instruments TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.39 Device Capabilities Register
The Device Capabilities Register indicates the device specific capabilities of the TUSB73X0.
PCI register offset: 74h
Register type: Read-only, Hardware Update
Default value: 0000 8FC3h
Table 57. PCI Register 74h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
1
0
0
0
1
1
1
1
1
1
0
0
0
0
1
1
State
Table 58. Device Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:29
RSVD
r
Reserved. Return zeros when read.
Function Level Reset. This bit is set to 0 because the TUSB73X0 has
28
FLR
r
only one function.
Captured Slot Power Limit Scale. The value in this register is
programmed by the host by issuing a Set_Slot_Power_Limit Message.
When a Set_Slot_Power_Limit Message is received bits 9:8 are written
to this field. The value in this register specifies the scale used for the Slot
27:26
CSPLS
ru
Power Limit.
00 – 1.0x
01 – 0.1x
10 – 0.01x
11 – 0.001x
Captured Slot power Limit Value. The value in this register is
programmed by the host by issuing a Set_Slot_Power_Limit Message.
When a Set_Slot_Power_Limit Message is received bits 7:0 are written
25:18
CSPLV
ru
to this field. The value in this register in combination with the Slot power
Limit Scale value, specifies the upper limit of power supplied to the slot.
The power limit is calculated by multiplying the value in this field by the
value in the Slot Power Limit Scale field.
17:16
RSVD
r
Reserved. Return zeros when read.
Role Based Error Reporting. This bit is hardwired to 1 indicating that the
15
RBER
r
TUSB73X0 supports Role Based Error Reporting
14:12
RSVD
r
Reserved. Return zeros when read.
Endpoint L1 Acceptable Latency. This field indicates the acceptable
latency for a transition from L1 to L0 State. This field can be programmed
by writing to the L1_LATENCY field in the General Control Register 2.
11:9
EP_L1_LAT
r
The default value for this register is the latency for the PHY to exit the L1
state. This field cannot be programmed to be less than the latency for the
PHY to exit the L1 state.
Endpoint L0s Acceptable Latency. This field indicates the acceptable
latency for a transition from L0s to L0 State. This field can be
programmed by writing to the L0s_LATENCY field in the General Control
8:6
EP_L0S_LAT
r
Register 2. The default value for this register is the latency for the PHY
to exit the L0s state. This field cannot be programmed to be less than the
latency for the PHY to exit the L0s state.
Extended Tag Field Supported. This field indicates the size of the tag
5
ETFS
r
field and is encoded as 0.
Phantom Functions Supported. This field is read only 00b indicating that
4:3
PFS
r
function numbers are not used for phantom functions.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com