Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 3Page - Texas Instruments TUSB7320 Datasheet HTML 4Page - Texas Instruments TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
Clock and Reset Signals (continued)
PIN
I/O
DESCRIPTION
TUSB7320
TUSB7340
NAME
NO.
NO.
I
JTAG_TMS
B30
B30
JTAG test mode select
PU
I
JTAG_RST#
B32
B32
JTAG reset. Should be pulled low for normal operation.
PD
I/O
GPIO0
A49
A49
PU
I/O
GPIO1
B46
B46
PU
General purpose I/O
I/O
GPIO2
B47
B47
PU
I/O
GPIO3
B48
B48
PU
System management interrupt
SMI
B3
B3
O
Note: This pin is active high and should not be pulled up/down.
R1EXT
A24
A24
OI
High precision external resistor used for calibration. A resister value of 9.09 K
Ω ±1% accuracy is
connected between the terminals R1EXT and R1EXTRTN.
R1EXTRTN
B23
B23
OI
Auxiliary power detect. This pin indicates if the TUSB73X0 is enabled for wakeup from D3cold.
AUX_DET
A52
A52
I
Note: If this feature is implemented, AUX_DET must be pulled to VDD33 to prevent leakage.
B4, A5, B5,
B6, A7, B7,
A8, B8,
B13, A14,
B25, A26,
A14, B8,
Pins are not connected internally.
NC
B26, A27,
B13, A26,
I/O
Note: TUSB7320 pins B4 and B26 may be connected to VDDA_3P3 to support a dual-layout option
B27, B28,
B29, A43
with the TUSB7340.
A29, B29,
A30, A43,
B43, B45,
A46, A48
POWER SIGNALS
A3, A34,
A3, A34,
PW
VDD33
A39, A47,
A39, A47,
3.3-V I/O power rail
R
A51
A51
B4, B11,
B11, A19,
A19, A21,
PW
VDDA_3P3
A21, A25,
3.3-V analog power rail
A25, B22,
R
B22, A44
B26, A44
A1, B1, A4,
A1, B1, A4,
A6, A9,
A6, A9,
A12, A16,
A12, A16,
B17, B19,
B17, B19,
PW
VDD11
B24, A28,
B24, A28,
1.1-V core power rail
R
A33, A31,
A33, A31,
A38, B37,
A38, B37,
B40, B42,
B40, B42,
B44, A50
B44, A50
PW
VSS
B20, A53
B20, A53
Ground. The ground pad is labeled A53 for schematic purposes.
R
C1, C2, C3,
C1, C2, C3,
PW
The corner pins, which are for mechanical stability of the package, are connected to ground internally.
VSS_NC
C4
C4
R
These pins may be connected to VSS or left unconnected.
Oscillator return.
PW
If using a crystal, the load capacitors should use this signal as the return path and it should not be
VSS_OSC
B21
B21
R
connected to the PCB ground.
If using an oscillator, this should be connected to PCB Ground.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com