Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.1.60 Subsystem Access Register
This register is a read/write register and the contents of this register are aliased to the Subsystem Vendor ID and
Subsystem ID Registers at PCI Offsets 2Ch and 2Eh. This register is reset by a PCI Express reset (PERST#), a
GRST#, or the internally-generated power-on reset.
PCI register offset: D0h
Register type: Read/Write
Default value: 0000 0000h
Table 95. PCI Register D0h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 96. Subsystem Access Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Subsystem ID. The value written to this field is aliased to the Subsystem
31:16
SubsystemID(1)
rw
ID Register at PCI Offset 2Eh.
Subsystem Vendor ID. The value written to this field is aliased to the
15:0
SubsystemVendorID(1)
rw
Subsystem Vendor ID Register at PCI Offset 2Ch.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
7.5.1.61 General Control 0 Register
This register is a read/write register is used to control various functions of the TUSB73X0. This register is reset
by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: D4h
Register type: Read/Write
Default value: 0000 0D9Bh
Table 97. PCI Register D4h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
1
1
0
1
1
0
0
1
1
0
1
1
State
52
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com