Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments TUSB7320 Datasheet HTML 15Page - Texas Instruments TUSB7320 Datasheet HTML 16Page - Texas Instruments TUSB7320 Datasheet HTML 17Page - Texas Instruments TUSB7320 Datasheet HTML 18Page - Texas Instruments TUSB7320 Datasheet HTML 19Page - Texas Instruments TUSB7320 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
SCL
SDA
VDD33
A0
A1
A2
SCL
SDA
TUSB73x0
Serial
EEPROM
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Programming (continued)
The host controller implements a two-terminal serial interface with one clock signal (SCL) and one data signal
(SDA). The SCL signal is a unidirectional output from the host controller and the SDA signal is bidirectional. Both
are open-drain signals and require pullup resistors. The host controller is a bus master device and drives SCL at
approximately 60 kHz during data transfers and places SCL in a high-impedance state (0 frequency) during bus
idle states. The serial EEPROM is a bus slave device and must acknowledge a slave address equal to A0h.
Figure 2 illustrates an example application implementing the two-wire serial bus.
Figure 2. Serial EEPROM Application
7.4.1.2 Serial-Bus Interface Protocol
All data transfers are initiated by the serial-bus master. The beginning of a data transfer is indicated by a start
condition, which is signaled when the SDA line transitions to the low state while SCL is in the high state, as
illustrated in Figure 3. The end of a requested data transfer is indicated by a stop condition, which is signaled by
a low-to-high transition of SDA while SCL is in the high state, as shown in Figure 3. Data on SDA must remain
stable during the high state of the SCL signal, as changes on the SDA signal during the high state of SCL are
interpreted as control signals, that is, a start or stop condition.
Figure 3. Serial-Bus Start and Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. During a data transfer operation, the exact number of bytes that are
transmitted is unlimited. However, each byte must be followed by an acknowledge bit to continue the data
transfer operation. An acknowledge (ACK) is indicated by the data byte receiver pulling the SDA signal low, so
that it remains low during the high state of the SCL signal. Figure 4 illustrates the acknowledge protocol.
16
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com