Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 254 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 250Page - STMicroelectronics ST7MC1 Datasheet HTML 251Page - STMicroelectronics ST7MC1 Datasheet HTML 252Page - STMicroelectronics ST7MC1 Datasheet HTML 253Page - STMicroelectronics ST7MC1 Datasheet HTML 254Page - STMicroelectronics ST7MC1 Datasheet HTML 255Page - STMicroelectronics ST7MC1 Datasheet HTML 256Page - STMicroelectronics ST7MC1 Datasheet HTML 257Page - STMicroelectronics ST7MC1 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 308 page
background image
ST7MC1/ST7MC2
254/308
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.5 On-Chip Peripherals
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer counter running at fCPU/4) and timer
counter stopped (only TIMD bit set). Data valid for one timer.
2. Data based on a differential IDD measurement betwwen reset configuration (timer stopped) and timer counter enable
(only TCE bit set)
3. Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent SPI master
communication at maximum speed (data sent equal to 55h). This measurement includes the pad toggling consumption.
4. Data based on a differential IDD measurement between SCI low power state (SCID=1) and a permanent SCI data trans-
mit sequence.
5. Data based on a differential IDD measurement between reset configuration (motor control disabled) and the whole mo-
tor control cell enable in speed measurement mode. MCO outputs are not validated.
6. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
7. Data based on a differential measurement between reset configuration (OPAMP disabled) and amplification of a sin-
ewave (no load, AVCL=1, VDD=5V).
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM)
16-bit Timer supply current 1)
fCPU=8MHz
VDD=5.0V
50
µA
IDD(ART)
ART PWM supply current 2)
fCPU=8MHz
VDD=5.0V
75
IDD(SPI)
SPI supply current 3)
fCPU=8MHz
VDD=5.0V
400
IDD(SCI)
SCI supply current 4)
fCPU=8MHz
VDD=5.0V
400
IDD(MTC)
MTC supply current 5)
fCPU=8MHz
VDD=5.0V
500
IDD(ADC)
ADC supply current when converting 6)
fADC=4MHz
VDD=5.0V
400
IDD(OPAMP) OPAMP supply current
7)
fCPU=8MHz
VDD=5.0V
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com