Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 256 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 256 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 252Page - STMicroelectronics ST7MC1 Datasheet HTML 253Page - STMicroelectronics ST7MC1 Datasheet HTML 254Page - STMicroelectronics ST7MC1 Datasheet HTML 255Page - STMicroelectronics ST7MC1 Datasheet HTML 256Page - STMicroelectronics ST7MC1 Datasheet HTML 257Page - STMicroelectronics ST7MC1 Datasheet HTML 258Page - STMicroelectronics ST7MC1 Datasheet HTML 259Page - STMicroelectronics ST7MC1 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 308 page
background image
ST7MC1/ST7MC2
256/308
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
12.5.3 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with four
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph are based
on characterization results with specified typical
external components. In the application, the reso-
nator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
Figure 136. Typical Application with a Crystal or Ceramic Resonator
Notes:
1. When PLL is used, please refer to the PLL characteristics chapter and to the “supply, reset and clock management”
description chapter (fOSC min. is 8 Mhz with PLL).
2. Resonator characteristics given by the ceramic resonator manufacturer. For more information on these resonators,
please consult www.murata.com
3. SMD = [-R0: Plastic tape package (ý =180mm), -B0: Bulk]
LEAD = [-A0: Flat pack package (Radial taping Ho= 18mm), -B0: Bulk]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator Frequency 1)
416
MHz
RF
Feedback resistor
92
k
Ω
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
See table below
pF
Supplier
fOSC
(MHz)
Typical Ceramic Resonators2)
CL1
[pF]
CL2
[pF]
Reference 3)
4
CSTCR4M00G53-R0
(15)
(15)
8
CSTCE8M00G52-R0
(10)
(10)
16
CSTCE16M0V53-R0
(15)
(15)
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST7FMC
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com