Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 257 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 257 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 253Page - STMicroelectronics ST7MC1 Datasheet HTML 254Page - STMicroelectronics ST7MC1 Datasheet HTML 255Page - STMicroelectronics ST7MC1 Datasheet HTML 256Page - STMicroelectronics ST7MC1 Datasheet HTML 257Page - STMicroelectronics ST7MC1 Datasheet HTML 258Page - STMicroelectronics ST7MC1 Datasheet HTML 259Page - STMicroelectronics ST7MC1 Datasheet HTML 260Page - STMicroelectronics ST7MC1 Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 308 page
background image
ST7MC1/ST7MC2
257/308
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
12.5.4 Clock Security System with PLL
Table 88. PLL Characteristics
Table 89. Clock Detector Characteristics
Notes:
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
fOSC
PLL input frequency range
7
8
MHz
Output Frequency
Output frequency when the PLL attain lock.
16
MHz
tLock
PLL Lock Time (LOCKED = 1)
50
100
µs
Jitter
Jitter in the output clock
2
%
fCPU
CPU clock frequency when VCO is con-
nected to ground (ICD internal clock or
back up oscillator )
3MHz
Symbol
Parameter
Min
Typ
Max
Unit
fDetect
Detected Minimum Input Frequency
500 1)
KHz
tsetup
Time needed to detect OSCIN once CKD is
enabled
3
µs
thold
Time needed to detect that OSCIN stops
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com