Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3T1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 4Page - STMicroelectronics ST92185B3T1 Datasheet HTML 5Page - STMicroelectronics ST92185B3T1 Datasheet HTML 6Page - STMicroelectronics ST92185B3T1 Datasheet HTML 7Page - STMicroelectronics ST92185B3T1 Datasheet HTML 8Page - STMicroelectronics ST92185B3T1 Datasheet HTML 9Page - STMicroelectronics ST92185B3T1 Datasheet HTML 10Page - STMicroelectronics ST92185B3T1 Datasheet HTML 11Page - STMicroelectronics ST92185B3T1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 178 page
background image
8/178
ST92185B - GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
Figure 1. ST92185B Block Diagram
I/O
PORT 0
VOLTAGE
SYNTHESIS
PWM
D/A CON-
VERTER
SPI
I/O
PORT 4
I/O
PORT 5
24/32 Kbytes
ROM
2 Kbytes
TDSRAM TRI
256 bytes
RAM
STANDARD
TIMER
TIMING AND
CLOCK CTRL
16-BIT
TIMER/
WATCHDOG
I/O
PORT 2
ADC
I/O
PORT 3
SYNC
CONTROL
VSYNC
HSYNC/CSYNC
ON
SCREEN
DISPLAY
FREQ.
MULTIP.
PXFM
NMI
INT[7:4]
INT2
256 bytes
Register File
ST9+ CORE
8/16-bit
CPU
Interrupt
Management
RCCU
OSCIN
OSCOUT
RESET
RESETO
P0[7:0]
R/G/B/FB
PWM[7:0]
SDO/SDI
SCK
INT0
STOUT
MMU
MCFM
TSLU
AIN[4:1]
VSO[2:1]
EXTRG
P2[5:0]
P4[7:0]
P5[1:0]
P3[7:4]
CSO
HT
All alternate functions
(Italic characters) are mapped on Ports 0, 2, 3, 4 and 5
2
8
4
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com