Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3T1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 14Page - STMicroelectronics ST92185B3T1 Datasheet HTML 15Page - STMicroelectronics ST92185B3T1 Datasheet HTML 16Page - STMicroelectronics ST92185B3T1 Datasheet HTML 17Page - STMicroelectronics ST92185B3T1 Datasheet HTML 18Page - STMicroelectronics ST92185B3T1 Datasheet HTML 19Page - STMicroelectronics ST92185B3T1 Datasheet HTML 20Page - STMicroelectronics ST92185B3T1 Datasheet HTML 21Page - STMicroelectronics ST92185B3T1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
18/178
ST92185B - GENERAL DESCRIPTION
1.4 REGISTER MAP
The following pages contain a list of ST92185B
registers, grouped by peripheral or function.
Be very careful to correctly program both:
– The set of registers dedicated to a particular
function or peripheral.
– Registers common to other functions.
In particular, double-check that any registers with
“undefined” reset values have been correctly ini-
tialised.
Warning: Note that in the EIVR and each IVR reg-
ister, all bits are significant. Take care when defin-
ing base vector addresses that entries in the Inter-
rupt Vector table do not overlap.
Group F Pages Register Map
Register
Page
0
2
3
11
21
32
33
353839
55
59
62
R255
Res.
Res.
Res.
Res.
Res.
OSD
TSU
Res
Res.
RCCU
(PLL)
VS
Res.
R254
SPI
Port 3
TCC
R253
Res.
R252
WCR
MMU
TDSRAM
PWM
R251
WDT
Res.
Res
R250
Port 2
Res.
Res.
R249
R248
R247
EXT
INT
Res.
Res.
Res.
R246
Port 5
MMU
R245
R244
R243
Res.
STIM
SYNC
R242
Port 0
Port 4
A/D
R241
Res.
Res.
R240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com