Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3T1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 17Page - STMicroelectronics ST92185B3T1 Datasheet HTML 18Page - STMicroelectronics ST92185B3T1 Datasheet HTML 19Page - STMicroelectronics ST92185B3T1 Datasheet HTML 20Page - STMicroelectronics ST92185B3T1 Datasheet HTML 21Page - STMicroelectronics ST92185B3T1 Datasheet HTML 22Page - STMicroelectronics ST92185B3T1 Datasheet HTML 23Page - STMicroelectronics ST92185B3T1 Datasheet HTML 24Page - STMicroelectronics ST92185B3T1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 178 page
background image
21/178
ST92185B - GENERAL DESCRIPTION
Note: xx denotes a byte with an undefined value, however some of the bits may have defined values. Refer to register
description for details.
39
TCC
R251
PXCCR
PLL Clock Control Register
00
66
R252
SLCCR
Slicer Clock Control Register
00
66
R253
MCCR
Main Clock Control Register
00
65
R254
SKCCR
Skew Clock Control Register
00
65
55
RCCU
R251
PCONF
PLL Configuration Register
07
61
R254
SDRATH
Clock Slow Down Unit Ratio Register
2x,4x
or 00
61
59
PWM
R240
CM0
Compare Register 0
00
163
R241
CM1
Compare Register 1
00
163
R242
CM2
Compare Register 2
00
163
R243
CM3
Compare Register 3
00
163
R244
CM4
Compare Register 4
00
163
R245
CM5
Compare Register 5
00
163
R246
CM6
Compare Register 6
00
163
R247
CM7
Compare Register 7
00
163
R248
ACR
Autoclear Register
FF
164
R249
CCR
Counter Register
00
164
R250
PCTL
Prescaler and Control Register
0C
164
R251
OCPL
Output Complement Register
00
165
R252
OER
Output Enable Register
00
165
VS
R254
VSDR1
Data and Control Register 1
00
160
R255
VSDR2
Data Register 2
00
160
62
ADC
R240
ADDTR
Channel i Data Register
xx
155
R241
ADCLR
Control Logic Register
00
154
R242
ADINT
AD Interrupt Register
01
155
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com