Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3T1 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 94Page - STMicroelectronics ST92185B3T1 Datasheet HTML 95Page - STMicroelectronics ST92185B3T1 Datasheet HTML 96Page - STMicroelectronics ST92185B3T1 Datasheet HTML 97Page - STMicroelectronics ST92185B3T1 Datasheet HTML 98Page - STMicroelectronics ST92185B3T1 Datasheet HTML 99Page - STMicroelectronics ST92185B3T1 Datasheet HTML 100Page - STMicroelectronics ST92185B3T1 Datasheet HTML 101Page - STMicroelectronics ST92185B3T1 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 178 page
background image
98/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.2 Row Attributes
The header and status row attributes are set using
the HSCR R244 (F4h) Page 32 register. The row
enable bits as set in registers DE0R .. 2 R253
..255 Page 32.
Header Enable
When the display is in line mode, row 0, called the
header, is also usable. It no longer acts as a head-
er but simply as an additional row.
Status Row Enable
The display of the two status rows can be enabled
individually.
Row Enable Bits
1 bit per row, for rows from 1 to 23, in page mode.
Serial Attributes
Serial Mode is selected by resetting the SPM bit in
register DCM1R R251 (FBh) Page 32.
Serial attributes are active until the end of the line
or a superseding serial attribute.
In this display mode, the attribute code and the
character code are in the same memory area (Fig-
ure 9).
The attribute takes the place of an alpha charac-
ter, and the OSD displays a space character de-
fined on 1 byte in Serial Mode:
Figure 57. Example of a Row in Serial Mode
Default foreground
Default background
Length of row = 40 Characters
global
A R D O Z
Z
A
A
A
A A
Propagation
Display
A R D O Z
Z
Sc
A
A
A
A A
Bb
Sty
Fh
Foreground color attribute
Characters
Black background attribute
Steady attribute
Flashing attribute
Memory location
FLASHING
can be half intensity
VR02115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com