Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3T1 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 132Page - STMicroelectronics ST92185B3T1 Datasheet HTML 133Page - STMicroelectronics ST92185B3T1 Datasheet HTML 134Page - STMicroelectronics ST92185B3T1 Datasheet HTML 135Page - STMicroelectronics ST92185B3T1 Datasheet HTML 136Page - STMicroelectronics ST92185B3T1 Datasheet HTML 137Page - STMicroelectronics ST92185B3T1 Datasheet HTML 138Page - STMicroelectronics ST92185B3T1 Datasheet HTML 139Page - STMicroelectronics ST92185B3T1 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 178 page
background image
136/178
ST92185B - SYNC CONTROLLER
7.5 SYNC CONTROLLER
The SYNC Controller receives Horizontal / Vertical
sync information coming from the chassis. The
VSYNC and HSYNC inputs use schmitt triggers to
guarantee sufficient noise rejection.
The SYNC Controller unit provides the H internal
sync signal to the Display Skew Corrector, which
rephases the Pixel clock.
It provides also the H and V internal sync signals
to the TDSRAM Controller to perform correct TV
line counting, thus generating the necessary time
windows for a proper TDSRAM access real time
sharing by the Display Controller and the CPU (for
more details refer to the TDSRAM Controller chap-
ter). Field information is also available for the Dis-
play Controller.
The SYNC Controller unit also generates two in-
terrupt sources corresponding respectively the TV
field start and to the end of VBI event (“VBI” stands
for Vertical Blank Interval).
The SYNC Controller implements also a “Compos-
ite Sync” signal generator which provides a com-
posite sync output signal (called CSO) available
through an I/O port alternate function.
Figure 83. Sync Controller Block Diagram
n
Hout
1
0
1
0
pgmble
delay
HSF(3:0)
line counter
EOFVBI
interrupt
Vout
HFLG
Pulse
shaper
EOFVBI
FLDST
FLDEV
MOD0
MOD1
HSF(3:0)
VPOL
HPOL
SCCS0 Register
SCCS1R Register
FSTEN
VSEP
VDLY
VBIEN
Skew
Corrector
Hint
Field
detect.
FLDEV
Vout
Vout
FLDST
interrupt
Pulse
shaper
(to DISPLAY, etc.)
(to DISPLAY, etc.)
VSYNC
VPOL
VSEP
Vertical
Sync Extr.
VDLY
HSYNC
HPOL
CSYNC
Hpls
CSO_AF
VPOL
Field
MOD1
MOD0
4 MHz
(from Sync Ext.)
MOD1
Hpls
Equalization Pulse
Vertical Pulse
Generator
& Line Sequencer
(MOD0+MOD1)*VSEP
Vertical
Controller
MOD0
Internal
H generator
(64 µs)
Composite Sync.
Generator
Vcso
VR02092A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com