Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 102Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 103Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 104Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 105Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 106Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 107Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 108Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 109Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 308 page
background image
ST7MC1/ST7MC2
106/308
10.5 LINSCI SERIAL COMMUNICATION INTERFACE (LIN MASTER/SLAVE)
10.5.1 Introduction
The Serial Communications Interface (SCI) offers
a flexible means of full-duplex data exchange with
external equipment requiring an industry standard
NRZ asynchronous serial data format. The SCI of-
fers a very wide range of baud rates using two
baud rate generator systems.
The LIN-dedicated features support the LIN (Local
Interconnect Network) protocol for both master
and slave nodes.
This chapter is divided into SCI Mode and LIN
mode sections. For information on general SCI
communications, refer to the SCI mode section.
For LIN applications, refer to both the SCI mode
and LIN mode sections.
10.5.2 SCI Features
■ Full duplex, asynchronous communications
■ NRZ standard format (Mark/Space)
■ Independently
programmable
transmit
and
receive baud rates up to 500K baud
■ Programmable data word length (8 or 9 bits)
■ Receive buffer full, Transmit buffer empty and
End of Transmission flags
■ 2 receiver wake-up modes:
– Address bit (MSB)
– Idle line
■ Muting function for multiprocessor configurations
■ Separate
enable bits for Transmitter and
Receiver
■ Overrun, Noise and Frame error detection
■ 6 interrupt sources
– Transmit data register empty
– Transmission complete
– Receive data register full
– Idle line received
– Overrun error
– Parity interrupt
■ Parity control:
– Transmits parity bit
– Checks parity of received data byte
■ Reduced power consumption mode
10.5.3 LIN Features
– LIN Master
– 13-bit LIN Synch Break generation
– LIN Slave
– Automatic Header Handling
– Automatic baud rate resynchronization based
on recognition and measurement of the LIN
Synch Field (for LIN slave nodes)
– Automatic baud rate adjustment (at CPU fre-
quency precision)
– 11-bit LIN Synch Break detection capability
– LIN Parity check on the LIN Identifier Field
(only in reception)
– LIN Error management
– LIN Header Timeout
– Hot plugging support
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com