Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 31Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 32Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 33Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 34Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 35Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 36Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 37Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 38Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 308 page
background image
ST7MC1/ST7MC2
35/308
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
SYSTEM INTEGRITY (SI) CONTROL/STATUS REGISTER (SICSR, page 1)
Reset Value: 00000000 (00h)
Bit 7 = PAGE SICSR Register Page Selection
This bit selects the SICSR register page. It is set
and cleared by software
0: Access to SICSR register mapped in page 0.
1: Access to SICSR register mapped in page 1.
Bit 6 = Reserved, must be kept cleared.
Bit 5 = VCOEN VCO Enable
This bit is set and cleared by software.
0: VCO (Voltage Controlled Oscillator) connected
to the output of the PLL charge pump (default
mode), to obtain a 16-MHz output frequency
(with an 8-MHz input frequency).
1: VCO tied to ground in order to obtain a 10-MHz
frequency (fvco)
Notes:
1. During ICC session, this bit is set to 1 in order to
have an internal frequency which does not depend
on the input clock. Then, it can be reset in order to
run faster with an external oscillator.
Bit 4 = LOCK PLL Locked
This bit is read only. It is set by hardware. It is set
automatically when the PLL reaches its operating
frequency.
0: PLL not locked
1: PLL locked
Bit 3 = PLLEN PLL Enable
This bit enables the PLL and the clock detector. It
is set and cleared by software.
0: PLL and Clock Detector (CKD) disabled
1: PLL and Clock Detector (CKD) enabled
Notes:
1. During ICC session, this bit is set to 1.
2. PLL cannot be disabled if PLL clock source is
selected (CKSEL= 1).
Bit 2 = Reserved, must be kept cleared.
Bit 1 = CKSEL Clock Source Selection
This bit selects the clock source: oscillator clock or
clock from the PLL. It is set and cleared by soft-
ware. It can also be set by option byte (PLL opt)
0: Oscillator clock selected
1: PLL clock selected
Notes:
1. During ICC session, this bit is set to 1. Then,
CKSEL can be reset in order to run with fOSC.
2. Clock from the PLL cannot be selected if the
PLL is disabled (PLLEN =0)
3. If the clock source is selected by PLL option bit,
CKSEL bit selection has no effect.
Bit 0 = Reserved, must be kept cleared.
70
PA
GE
0
VCO
EN
LO
CK
PLL
EN
0
CK-
SEL
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com