Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 39Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 40Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 41Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 42Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 43Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 44Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 45Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 46Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 308 page
background image
ST7MC1/ST7MC2
43/308
INTERRUPTS (Cont’d)
Table 7. Dedicated Interrupt Instruction Set
Note: During the execution of an interrupt routine, the HALT, POPCC, RIM, SIM and WFI instructions change the current
software priority up to the next IRET instruction or one of the previously mentioned instructions.
Table 8. Interrupt Mapping
Note 1. Valid for HALT and ACTIVE-HALT modes except for the MCC/RTC or CSS interrupt source which exits from
ACTIVE-HALT mode only.
Instruction
New Description
Function/Example
I1
H
I0
N
Z
C
HALT
Entering Halt mode
1
0
IRET
Interrupt routine return
Pop CC, A, X, PC
I1
H
I0
N
Z
C
JRM
Jump if I1:0=11 (level 3)
I1:0=11 ?
JRNM
Jump if I1:0<>11
I1:0<>11 ?
POP CC
Pop CC from the Stack
Mem => CC
I1
H
I0
N
Z
C
RIM
Enable interrupt (level 0 set)
Load 10 in I1:0 of CC
1
0
SIM
Disable interrupt (level 3 set)
Load 11 in I1:0 of CC
1
1
TRAP
Software trap
Software NMI
1
1
WFI
Wait for interrupt
1
0
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT1)
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0MCES
Motor Control Emergency Stop
or Speed error interrupt
MISR
MCRC
no
FFFAh-FFFBh
1
MCC/RTC
CSS
Main clock controller time base interrupt
Safe oscillator activation interrupt
MCCSR
SICSR
yes
FFF8h-FFF9h
2
ei0
External interrupt port
N/A
yes
FFF6h-FFF7h
3
ei1
External interrupt port
yes
FFF4h-FFF5h
4
ei2
External interrupt port
yes
FFF2h-FFF3h
5
MTC
Event U or Current Loop or Sampling Out MISR/MCONF
no
FFF0h-FFF1h
6
Event R or Event Z
MISR
no
FFEEh-FFEFh
7
Event C or Event D
no
FFECh-FFEDh
8
SPI
SPI peripheral interrupts
SPICSR
yes
FFEAh-FFEBh
9
TIMER A
TIMER A peripheral interrupts
TASR
no
FFE8h-FFE9h
10
TIMER B
TIMER B peripheral interrupts
TBSR
no
FFE6h-FFE7h
11
LINSCI
™
LINSCI
™ Peripheral interrupts
SCISR
no
FFE4h-FFE5h
12
AVD/
ADC
Auxiliary Voltage detector interrupt
ADC End of conversion interrupt
SICSR
ADCSR
yes
FFE2h-FFE3h
13
PWM ART
PWM ART overflow interrupt
PWM ART input capture interrupts
ARTCSR
ARTICCSR
no
FFE0h-FFE1h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com