Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 15Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 16Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 17Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 18Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 19Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 20Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 21Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 22Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 308 page
background image
ST7MC1/ST7MC2
19/308
0050h
0051h
0052h
0053h
0054h
0055h
0056h
0057h
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
MTC
(page 0)
MTIM
MTIML
MZPRV
MZREG
MCOMP
MDREG
MWGHT
MPRSR
MIMR
MISR
MCRA
MCRB
MCRC
MPHST
MDFR
MCFR
MREF
MPCR
MREP
MCPWH
MCPWL
MCPVH
MCPVL
MCPUH
MCPUL
MCP0H
MCP0L
Timer Counter High Register
Timer Counter Low Register
Capture Zn-1 Register
Capture Zn Register
Compare Cn+1 Register
Demagnetization Register
An Weight Register
Prescaler & Sampling Register
Interrupt Mask Register
Interrupt Status Register
Control Register A
Control Register B
Control Register C
Phase State Register
D event Filter Register
Current feedback Filter Register
Reference Register
PWM Control Register
Repetition Counter Register
Compare Phase W Preload Register High
Compare Phase W Preload Register Low
Compare Phase V Preload Register High
Compare Phase V Preload Register Low
Compare Phase U Preload Register High
Compare Phase U Preload Register Low
Compare Phase 0 Preload Register High
Compare Phase 0 Preload Register Low
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
0Fh
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
0Fh
FFh
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0050h
0051h
0052h
0053h
0054h
0055h
0056h
MTC
(page 1)
MDTG
MPOL
MPWME
MCONF
MPAR
MZRF
MSCR
Dead Time Generator Enable
Polarity Register
PWM Register
Configuration Register
Parity Register
Z event Filter Register
Sampling Clock Register
FFh
3Fh
00h
02h
00h
0Fh
00h
see MTC
description
0057h to
006Ah
Reserved Area (4 Bytes)
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
DM
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
Debug Control Register
Debug Status Register
Debug Breakpoint 1 MSB Register
Debug Breakpoint 1 LSB Register
Debug Breakpoint 2 MSB Register
Debug Breakpoint 2 LSB Register
00h
10h
FFh
FFh
FFh
FFh
R/W
Read Only
R/W
R/W
R/W
R/W
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com