Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 29Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 30Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 31Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 32Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 33Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 34Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 35Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 36Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 308 page
background image
ST7MC1/ST7MC2
33/308
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.3.3 Clock Security System (CSS)
The Clock Security System (CSS) protects the
ST7 against main clock problems. To allow the in-
tegration of the security features in the applica-
tions, it is based on a PLL which can provide a
backup clock. The PLL can be enabled or disabled
by option byte or by software. It requires an 8-MHz
input clock and provides a 16-MHz output clock.
6.3.3.1 Safe Oscillator Control
The safe oscillator of the CSS block is made of a
PLL.
If the clock signal disappears (due to a broken or
disconnected resonator...) the PLL continues to
provide a lower frequency, which allows the ST7 to
perform some rescue operations.
Note: The clock signal must be present at start-up.
Otherwise, the ST7MC will not start and will be
maintained in RESET conditions.
6.3.3.2 Limitation detection
The automatic safe oscillator selection is notified
by hardware setting the CSSD bit of the SICSR
register. An interrupt can be generated if the CS-
SIE bit has been previously set.
These two bits are described in the SICSR register
description.
6.3.4 Low Power Modes
6.3.4.1 Interrupts
The CSS or AVD interrupt events generate an in-
terrupt if the corresponding Enable Control Bit
(CSSIE or AVDIE) is set and the interrupt mask in
the CC register is reset (RIM instruction).
Note 1: This interrupt allows to exit from active-
halt mode.
Mode
Description
WAIT
No effect on SI. CSS and AVD interrupts
cause the device to exit from Wait mode.
HALT
The CRSR register is frozen.
The CSS (including the safe oscillator) is
disabled until HALT mode is exited. The
previous CSS configuration resumes when
the MCU is woken up by an interrupt with
“exit from HALT mode” capability or from
the counter reset value when the MCU is
woken up by a RESET. The AVD remains
active, and an AVD interrupt can be used to
exit from Halt mode.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
CSS event detection
(safe oscillator acti-
vated as main clock)
CSSD
CSSIE
Yes
No 1)
AVD event
AVDF
AVDIE
Yes
Yes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com