Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 122Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 123Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 124Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 125Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 126Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 127Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 128Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 129Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 308 page
background image
ST7MC1/ST7MC2
126/308
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
If LHE bit is set due to this error during Fields other
than LIN Synch Field or if LASE bit is reset then
the current received Header is discarded and the
SCI searches for a new Break Field.
Note on LIN Header Time-out Limit
According to the LIN specification, the maximum
length of a LIN Header which does not cause a
timeout
is
equal
to
1.4 * (34 + 1) = 49
TBIT_MASTER.
TBIT_MASTER refers to the master baud rate.
When checking this timeout, the slave node is de-
synchronized for the reception of the LIN Break
and Synch fields. Consequently, a margin must be
allowed, taking into account the worst case: This
occurs when the LIN identifier lasts exactly 10
TBIT_MASTER periods. In this case, the LIN Break
and Synch fields last 49 - 10 = 39TBIT_MASTER pe-
riods.
Assuming the slave measures these first 39 bits
with a desynchronized clock of 15.5%. This leads
to a maximum allowed Header Length of:
39 x (1/0.845) TBIT_MASTER + 10TBIT_MASTER
= 56.15 TBIT_SLAVE
A margin is provided so that the time-out occurs
when the header length is greater than 57
TBIT_SLAVE periods. If it is less than or equal to 57
TBIT_SLAVE periods, then no timeout occurs.
LIN Header Length
Even if no timeout occurs on the LIN Header, it is
possible to have access to the effective LIN head-
er Length (THEADER) through the LHL register.
This allows monitoring at software level the
TFRAME_MAX condition given by the LIN protocol.
This feature is only available when LHDM bit = 1
or when LASE bit = 1.
Mute Mode and Errors
In mute mode when LHDM bit = 1, if an LHE error
occurs during the analysis of the LIN Synch Field
or if a LIN Header Time-out occurs then the LHE
bit is set but it does not wake up from mute mode.
In this case, the current header analysis is discard-
ed. If needed, the software has to reset LSF bit.
Then the SCI searches for a new LIN header.
In mute mode, if a framing error occurs on a data
(which is not a break), it is discarded and the FE bit
is not set.
When LHDM bit = 1, any LIN header which re-
spects the following conditions causes a wake-up
from mute mode:
- A valid LIN Break Field (at least 11 dominant bits
followed by a recessive bit)
- A valid LIN Synch Field (without deviation error)
- A LIN Identifier Field without framing error. Note
that a LIN parity error on the LIN Identifier Field
does not prevent wake-up from mute mode.
- No LIN Header Time-out should occur during
Header reception.
Figure 68. LIN Synch Field Measurement
LIN Synch Break
Extra
’1’
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
LIN Synch Field
Measurement = 8.TBR = SM.tCPU
LPR(n)
LPR(n+1)
LPR = tBR / (16.tCPU) = Rounding (SM / 128)
tCPU = CPU period
tBR = Baud Rate period
tBR
tBR = 16.LP.tCPU
SM = Synch Measurement Register (15 bits)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com