Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 143Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 144Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 145Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 146Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 147Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 148Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 149Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 150Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 308 page
background image
ST7MC1/ST7MC2
147/308
MOTOR CONTROLLER (Cont’d)
Figure 78. Input Stage in Sensorless or Sensor Mode
(bits TES[1:0] = 00)
VREF
Inputn Sel Reg
VR[2:0]
MCIC
MCIA
MCIB
A
B
C
IS[1:0]
CS,H
00
01
10
+
-
Input Block
Input Comparator Block
Event Detection
DQ
CP
ZVD bit
HDMn bit*
to ZH Generation
or
or
or
or
1
2
CPBn bit*
REO bit
CS,H
DS,H
CPBn bit*
V
I
12-bit PWM generator Signal U
Sampling frequency
V0C1 bit
Sample
CS,H
DS,H
* = Preload register, changes taken into account at next C event
MPHST Register
MPOL Register
MCRA Register
MCRB Register MPOL Register
MCRB Register
Reg
C
DS,H
Z
events:
Commutation
BEMF Zero-crossing
End Of Demagnetization
E
Emergency Stop
Notes:
Updated/Shifted on R
Ratio Updated (+1 or -1)
Multiplier Overflow
R+/-
O
Current Mode
Voltage Mode
I
V
Regn
Updated with Regn+1 on C
1
2
Branch taken after C event
Branch taken after D event
MCRC Register
MCVREF
PZ bit
MCRA Register
111
Sample
SPLG bit
MCRC Register
SR bit
MCRA Register
MCONF Register
DS[3:0] bits
2
1
DWF[3:0]
MDFR Register
ZWF[3:0]
MZFR Register
SR bit
MCRA Register
to DH Generation
Z Event Generation
D Event Generation
fSCF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com