Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 190Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 191Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 192Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 193Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 194Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 195Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 196Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 197Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 308 page
background image
ST7MC1/ST7MC2
194/308
MOTOR CONTROLLER (Cont’d)
Figure 113. Dead Time waveform with delay greater than the positive PWM pulse
Table 52. Dead time programming and example
The deadtime delay is the same for each of the
channels and is programmable with the DTG[5..0]
bits in the MDTG register.
The resolution is variable and depends on the
DTG5 and DTG4 bits. Table 52 summarizes the
set-up of the deadtime generator.
ITmtc is the period of the Dead Time Generator in-
put clock (Fmtc = 16 MHz in most cases, not affect-
ed by the XT16:XT8 prescaler bits in the MCONF
register).
For safety reasons and since the deadtime de-
pends only on external component characteristics
(level-shifter delay, power components switching
duration,...) the register used to set-up deadtime
duration can be written only once after the MCU
reset. This prevents a corrupted program counter
modifying this system critical set-up, which may
cause excessive power dissipation or destructive
shoot-through in the power stage half bridges.
When using the three independent U, V and W
PWM signals (PCN bit set) (see Figure 114) to
drive the MCOx outputs, deadtime is added as
shown in Figure 111.
The dead time generator is enabled/disabled us-
ing the DTE bit.
The effect of the DTE bit depends on the PCN bit
value.
If the PCN bit is set:
■ DTE is read only. To reset it, first reset the PCN
bit, then reset DTE and set PCN to 1 again.
■ If DTE=0, the high and low side outputs are
simply complemented (no deadtime insertion,
DTG[5:0] bits are not significant); this is to allow
the use of an external dead time generator.
Note: The reset value of the MDTG register is FFh
so when configuring the dead time, it is mandatory
to follow one the two following sequences:
■ To use dead t imes while the PCN bit is set; from
reset state write the MDTG value at once. The
DTE bit will be read back as 1 whatever the
programming value (read only if PCN=1)
■ To use dead times while the PCN bit is reset,
write first the dead time value in DTG[5:0], then
reset the PCN bit, or do both actions at the same
time.
DTG5
DTG4
Tdtg
Deadtime expression
Deadtime value
Tdtg
@16MHz Fmtc
Dead time range
@ 16MHz Fmtc
0X
2xTmtc
(DTG[4..0]+1) x Tdtg
From 1 to 32 Tdtg
125ns
0.125µs to 4µs
10
4xTmtc
(DTG[3..0]+17) x Tdtg
From 17 to 32 Tdtg
250ns
4.25µs to 8µs
11
8xTmtc
500ns
8.5µs to 16µs
Input
Output A
Output B
Delay
5V
5V
5V
0V
0V
0V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com