Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 198Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 199Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 200Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 201Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 202Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 203Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 204Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 205Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 308 page
background image
ST7MC1/ST7MC2
202/308
MOTOR CONTROLLER (Cont’d)
■ Edge-aligned Mode (CMS bit = 0)
In this operating mode, the PWM Counter counts
up to the value loaded in the 12-bit Compare Reg-
ister. Then the PWM Counter is cleared and it re-
starts counting up.
The PWM signals are set to ‘0’ when the PWM
Counter reaches, in up-counting, the correspond-
ing 13-bit Compare register value and they are set
to ‘1’ when the PWM Counter is cleared.
If the 13-bit Compare register value is greater than
the extended Compare 0 register (the 13th bit is
set to ‘0’), the corresponding PWM output signal is
held at ‘1’.
If the 13-bit Compare register value = 0, the corre-
sponding PWM output signal is held at ‘0’.
Figure 120 shows some edge-aligned PWM wave-
forms in an example where the Compare 0 register
value = 8.
Figure 120. Edge-aligned PWM Waveforms (Compare 0 Register = 8)
012345678
01
1
2
3‘1’
4‘0’
1 Compare Register value = 4
2 Compare Register value = 8
3 Compare Register value > 8
4 Compare Register value = 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com