Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 215Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 216Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 217Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 218Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 219Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 220Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 221Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 308 page
background image
ST7MC1/ST7MC2
219/308
MOTOR CONTROLLER (Cont’d)
COMPARE PHASE U PRELOAD REGISTER
HIGH (MCPUH)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = CPUH[7:0] Most Significant Byte of
phase U preload value
COMPARE PHASE U PRELOAD REGISTER
LOW (MCPUL)
Read/Write Read/Write (except bits 2:0)
Reset Value: 0000 0000 (00h)
Bits 7:5 = CPUL[7:3] Low bits of phase U preload
value.
Bits 2:0 = Reserved.
COMPARE
0
PRELOAD
REGISTER
HIGH
(MCP0H)
Read/Write (except bits 7:4)
Reset Value: 0000 1111 (0Fh)
Bits 7:4 = Reserved.
Bits 3:0 = CP0H[3:0] Most Significant Bits of Com-
pare 0 preload value.
COMPARE
0
PRELOAD
REGISTER
LOW
(MCP0L)
Read/Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CP0L[7:0] Low byte of Compare 0
preload value.
Note 1: The 16-bit Compare registers MCMPOx,
MCMPUx, MCMPVx, MCMPWx MSB and LSB
parts have to be written sequentially before being
taken into account when an update event occurs;
refer to section 10.6.10.4 on page 200 for details.
Note 2: The CPB, HDM, SDM, OS2 bits in the
MCRB and the bits OE[5:0] are marked with *. It
means that these bits are taken into account at the
following commutation event (in normal mode) or
when a value is written in the MPHST register
when in direct access mode. For more details, re-
fer to the description of the DAC bit in the MCRA
register. The use of a Preload register allows all
the registers to be updated at the same time.
Warning: Access to Preload registers
Special care has to be taken with Preload regis-
ters, especially when using the ST7 BSET and
BRES instructions on MTC registers.
For instance, while writing to the MPHST register,
you will write the value in the preload register.
However, while reading at the same address, you
will get the current value in the register and not the
value of the preload register.
Excepted for three-phase PWM generator’s regis-
ters, all preload registers are loaded in the active
registers at the same time. In normal mode this is
done automatically when a C event occurs, how-
ever in direct access mode (DAC bit=1) the
preload registers are loaded as soon as a value is
written in the MPHST register.
Caution: Access to write-once bits
Special care has to be taken with write-once bits in
MPOL and MDTG registers; these bits have to be
accessed first during the set-up. Any access to the
other bits (not write-once) through a BRES or a
BSET instruction will lock the content of write-once
bits (no possibility for the core do distinguish indi-
vidual bit access: Read/write internal signal acts
on a whole register only). This protection is then
only unlocked after a processor hardware reset.
70
CPUH
7
CPUH
6
CPUH
5
CPUH
4
CPUH
3
CPUH
2
CPUH
1
CPUH
0
70
CPUL7 CPUL6 CPUL5 CPUL4 CPUL3
-
-
-
70
----
CP0H3
CP0H2
CP0H1
CP0H0
70
CP0L7 CP0L6 CP0L5 CP0L4 CP0L3 CP0L2 CP0L1 CP0L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com