Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 272 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 272 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 268Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 269Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 270Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 271Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 272Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 273Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 274Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 275Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 308 page
background image
ST7MC1/ST7MC2
272/308
12.12 MOTOR CONTROL CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
12.12.1 Internal Reference Voltage
Note:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VREF
Voltage threshold (VR [2:0] = 000)
VR [2:0] = 000
VDD*0.04
V
Example: VDD -VSSA = 5V
0.2
Voltage threshold (VR [2:0] = 001)
VR [2:0]= 001
VDD*0.12
Example: VDD -VSSA = 5V
0.6
Voltage threshold (VR [2:0] = 010)
VR [2:0] = 010
VDD*0.2
Example: VDD -VSSA = 5V
1.0
Voltage threshold (VR [2:0] = 011)
VR [2:0]= 011
VDD*0.3
Example: VDD -VSSA = 5V
1.5
Voltage threshold (VR [2:0] = 100)
VR [2:0] = 100
VDD*0.4
Example: VDD -VSSA = 5V
2.0
Voltage threshold (VR [2:0] = 101)
VR [2:0]= 101
VDD*0.5
Example: VDD -VSSA = 5V
2.5
Voltage threshold (VR [2:0] = 110)
VR [2:0] = 110
VDD*0.7
Example: VDD -VSSA = 5V
3.5
VREF/
VREF
Tolerance on VREF
2.5
10
%
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com