Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 279 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 275Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 276Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 277Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 278Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 279Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 280Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 281Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 282Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 308 page
background image
ST7MC1/ST7MC2
279/308
12.13 OPERATIONAL AMPLIFIER CHARACTERISTICS
Subject to general operating conditions for fOSC, and TA unless otherwise specified.
(TA = -40..+125
oC, V
DD-VSSA = 4.5..5.5V unless otherwise specified
Note:
1. AVCL = closed loop gain
2. Data based on characterization results, not tested in production.
3. after offset compensation has been performed.
4. The amplifier accuracy is dependent on the environment. The offset value is given for a measurement done with all
digital I/Os stable. Negative injection current on the I/Os close to the inputs may reduce the accuracy. In particular care
must be taken to avoid switching on I/Os close to the inputs when the opamp is in use. This phenomenon is even more
critical when a big external serial resistor is added on the inputs.
5. The Data provided from simulations (not tested in production) to guide the user when re-calibration is needed.
6. The Data provided from simulations (not tested in production).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RL
Resistive Load (max 500uA @ 5V)
10
k
Ω
CL
Capacitive Load at VOUT pin
150
pF
VCMIR
Common Mode Input Range
VSSA
VDD/2
V
Vio
Input Offset Voltage ( + or - ) 3)
After calibration, VIC =1V
2.5
10 4)
mV
∆V
io
Input Offset Voltage Drift from the
calibrated Voltage, temperature
conditions
with respect to tempera-
ture
8.5 5)
µV/oC
with respect to common
mode input
1 5)
mV/V
with respect to supply
3.1 5)
mV/V
CMR
Common Mode Rejection Ratio
HIGHGAIN=0 @ 100kHz
74
dB
SVR
Supply Voltage Rejection Ratio
@ 100kHz
502)
65
dB
Avd
Voltage Gain
RL=10kΩ
(1.5)2)
12
V/mV
VSAT_OH
High Level Output Saturation Volt-
age (VDD-VOUT)
RL=10kΩ
60
90 2)
mV
VSAT_OL
Low Level Output Saturation Volt-
age
RL=10kΩ
30
90 2)
mV
GBP
Gain Bandwidth Product
HIGHGAIN=0
2 2)
46 2)
MHz
HIGHGAIN=1
7 2)
11
15 2)
SR+
Slew Rate while rising
HIGHGAIN=0
(AVCL=1, RL=10kΩ,
CL=150pF, Vi=1.75V to
2.75V) 1)
12)
2V/
µs
SR-
Slew Rate while falling
HIGHGAIN=0
(AVCL=1, RL=10kΩ,
CL=150pF, Vi=1.75V to
2.75V) 1)
2.52)
7.5
V/
µs
Φm
Phase Margin
HIGHGAIN=0
73
degrees
HIGHGAIN=1
75
Twakeup
Wakeup time for the opamp from off
state
0.8 6)
1.6 6)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com