Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 294 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 294 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 290Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 291Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 292Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 293Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 294Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 295Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 296Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 297Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 308 page
background image
ST7MC1/ST7MC2
294/308
ST7MC DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 DEVELOPMENT TOOLS
Development tools for the ST7 microcontrollers in-
clude a complete range of hardware systems and
software tools from STMicroelectronics and third-
party tool suppliers. The range of tools includes
solutions to help you evaluate microcontroller pe-
ripherals, develop and debug your application, and
program your microcontrollers.
14.3.1 Starter kits
ST offers complete, affordable starter kits and
full-featured that allow you to evaluate microcon-
troller features and quickly start developing ST7
applications. Starter kits are complete hardware/
software tool packages that include features and
samples to to help you quickly start developing
your application.
14.3.2 Development and debugging tools
Application development for ST7 is supported by
fully optimizing C Compilers and the ST7 Assem-
bler-Linker toolchain, which are all seamlessly in-
tegrated in the ST7 integrated development envi-
ronments in order to facilitate the debugging and
fine-tuning of your application. The Cosmic C
Compiler is available in a free version that outputs
up to 16K of code.
The range of hardware tools includes full-featured
ST7-EMU2B series emulators and the low-cost
RLink in-circuit debugger/programmer. These
tools are supported by the ST7 Toolset from
STMicroelectronics, which includes the STVD7 in-
tegrated development environment (IDE) with
high-level language debugger, editor, project man-
ager and integrated programming interface.
14.3.3 Programming tools
During the development cycle, the ST7-EMU3 se-
ries emulators and the RLink provide in-circuit
programming capability for programming the Flash
microcontroller on your application board.
ST also provides a low-cost dedicated in-circuit
programmer, the ST7-STICK, as well as ST7
Socket Boards which provide all the sockets re-
quired for programming any of the devices in a
specific ST7 sub-family on a platform that can be
used with any tool with in-circuit programming ca-
pability for ST7.
For production programming of ST7 devices, ST’s
third-party tool partners also provide a complete
range of gang and automated programming solu-
tions, which are ready to integrate into your pro-
duction environment.
14.3.4 Order codes for ST7MC development tools
Table 92. Development tool order codes for the ST7MC family
1. Add suffix /EU, /UK or /US for the power supply for your region
2. Parallel port connection to PC
3. RLink with ST7 tool set
For additional ordering codes for spare parts and accessories, refer to the online product selector at
www.st.com/mcu.
MCU
Starter kit
Emulator
Programming tool
ST7MC1
ST7MC2
ST7MC-KIT/BLDC
ST7MDT50-EMU3
ST7-STICK1)2)
STX-RLINK3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com