Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM20 Datasheet(PDF) 21 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 21 Page - Microchip Technology

Back Button BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology BM20 Datasheet HTML 20Page - Microchip Technology BM20 Datasheet HTML 21Page - Microchip Technology BM20 Datasheet HTML 22Page - Microchip Technology BM20 Datasheet HTML 23Page - Microchip Technology BM20 Datasheet HTML 24Page - Microchip Technology BM20 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 21
Preliminary Edition
Table 3-7: AUDIO CODEC DIGITAL TO ANALOGUE CONVERTER
T= 25
oC, V
dd=3.0V, 1KHz sine wave input, Bandwidth = 20Hz~20KHz
Parameter (Condition)
Min.
Typ.
Max.
Unit
Over-sampling rate
128
fs
Resolution
16
20
Bits
Output Sample Rate
8
48
KHz
Signal to Noise Ratio Note: 1
(SNR @cap-less mode) for 48kHz
96
dB
Signal to Noise Ratio Note: 1
(SNR @single-end mode) for 48kHz
98
dB
Digital Gain
-54
4.85
dB
Digital Gain Resolution
2~6
dB
Analog Gain
-28
3
dB
Analog Gain Resolution
1
dB
Output Voltage Full-scale Swing (AVDD=2.8V) Note:3
742.5
mV rms
Maximum Output Power (16
Ω load)
34.5
mW
Maximum Output Power (32
Ω load)
17.2
mW
Allowed Load
Resistive
8
16
O.C.
Ω
Capacitive
500
pF
THD+N (16Ω load)
0.05
%
Signal to Noise Ratio (SNR @ 16Ωload)
96
dB
Note:
(1) fin=1KHz, B/W=20~20KHz, A-weighted, THD+N < 0.01%, 0dBFS signal, Load=100KΩ
(2) These parameters are characterized but not tested in manufacturing.
(3) Vdd, AVDD are generated by internal LDO
Table 3-8: TRANSMITTER SECTION FOR BDR AND EDR
Parameter
Min
Typ
Max
Bluetooth
specification
Unit
Maximum RF transmit power
3.0
4.0
-6 to 4
dBm
EDR/BDR
Relative transmit power
-4
-1.2
1
-4 to 1
dB
Note:
The RF Transmit power is calibrated during production using MP Tool software and MT8852 Bluetooth Test
equipment.
Test condition: VCC_RF= 1.28V, temperature=25 ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com