Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM20 Datasheet(PDF) 22 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 22 Page - Microchip Technology

Back Button BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology BM20 Datasheet HTML 20Page - Microchip Technology BM20 Datasheet HTML 21Page - Microchip Technology BM20 Datasheet HTML 22Page - Microchip Technology BM20 Datasheet HTML 23Page - Microchip Technology BM20 Datasheet HTML 24Page - Microchip Technology BM20 Datasheet HTML 25Page - Microchip Technology BM20 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 22
Preliminary Edition
Table 3-9: RECEIVER SECTION FOR BDR AND EDR
Modulation
Min
Typ
Max
Bluetooth
specification
Unit
Sensitivity at
0.1% BER
GFSK
-90
≤-70
dBm
Sensitivity at
0.01% BER
π/4 DQPSK
-91
≤-70
dBm
8DPSK
-82
≤-70
dBm
Note:
(1) Test condition: VCC_RF= 1.28V, temperature=25 ºC.
(2) These parameters are characterized but not tested in manufacturing.
Table 3-10: SYSTEM CURRENT CONSUMPTION OF ANALOG AUDIO OUTPUT
System Status
Typ.
Max.
Unit
System Off Mode
2
5
uA
Standby Mode
0.8
mA
Linked Mode
0.4
mA
SCO Link
7.8
mA
A2DP Link (V
p-p=200mV; 1k tone signal)
10.7
mA
Note: Use BM20 EVB as test platform.
Test condition: BAT_IN= 3.8V, link with HTC EYE cell phone; distance between cell phone and EVB: 30cm.
Table 3-11: SYSTEM CURRENT CONSUMPTION OF DIGITAL AUDIO OUTPUT(I
2S)
System Status
Typ.
Max.
Unit
System Off Mode
2
5
uA
Standby Mode
0.4
mA
Linked Mode
0.4
mA
SCO Link
9.3
mA
A2DP Link (1k tone signal)
11.7
mA
Note: Use BM23 EVB as test platform
Test condition: BAT_IN= 3.8V, link with HTC M8 cell phone; distance between cell phone and EVB: 30cm;
I
2S signal link with YAMAHA YDA174 EVB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com