Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM20 Datasheet(PDF) 43 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 43 Page - Microchip Technology

Back Button BM20 Datasheet HTML 38Page - Microchip Technology BM20 Datasheet HTML 39Page - Microchip Technology BM20 Datasheet HTML 40Page - Microchip Technology BM20 Datasheet HTML 41Page - Microchip Technology BM20 Datasheet HTML 42Page - Microchip Technology BM20 Datasheet HTML 43Page - Microchip Technology BM20 Datasheet HTML 44Page - Microchip Technology BM20 Datasheet HTML 45Page - Microchip Technology BM20 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 43
Preliminary Edition
A.4 Japan
The BM23 module has received type certification and is labeled with its own technical
conformity mark and certification number as required to conform to the technical
standards regulated by the Ministry of Internal Affairs and Communications (MIC) of
Japan pursuant to the Radio Act of Japan.
Integration of this module into a final product does not require additional radio certification
provided installation instructions are followed and no modifications of the module are
allowed. Additional testing may be required:
•
If the host product is subject to electrical appliance safety (for example, powered
from an AC mains), the host product may require Product Safety Electrical
Appliance and Material (PSE) testing. The integrator should contact their
conformance laboratory to determine if this testing is required.
•
There is an voluntary Electromagnetic Compatibility (EMC) test for the
host product administered by VCCI: http://www.vcci.jp/vcci_e/index.html
A.4.1 LABELING AND USER INFORMATION REQUIREMENTS
The label on the final product which contains the BM23 module must follow Japan
marking requirements. The integrator of the module should refer to the labeling
requirements for Japan available at the Ministry of Internal Affairs and
Communications (MIC) website.
The BM23 module is labeled with its own technical conformity mark and certification
number. The final product in which this module is being used must have a label referring to
the type certified module inside:
Contains transmitter module with certificate number:
A.4.2 HELPFUL WEB SITES
Ministry of Internal Affairs and Communications (MIC):
http://www.tele.soumu.go.jp/e/index.htm Association of Radio Industries and Businesses
(ARIB): http://www.arib.or.jp/english/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com