Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM20 Datasheet(PDF) 39 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 39 Page - Microchip Technology

Back Button BM20 Datasheet HTML 35Page - Microchip Technology BM20 Datasheet HTML 36Page - Microchip Technology BM20 Datasheet HTML 37Page - Microchip Technology BM20 Datasheet HTML 38Page - Microchip Technology BM20 Datasheet HTML 39Page - Microchip Technology BM20 Datasheet HTML 40Page - Microchip Technology BM20 Datasheet HTML 41Page - Microchip Technology BM20 Datasheet HTML 42Page - Microchip Technology BM20 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 39
Preliminary Edition
the host device, otherwise the
A.2 Canada
The BM23 module has been certified for use in Canada under Industry Canada (IC) Radio
Standards Specification (RSS) RSS‐210 and RSS‐Gen. Modular approval permits the installation
of a module in a host device without the need to recertify the device.
A.2.1 LABELING AND USER INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from Section 3.2.1, RSS‐Gen, Issue 3, December 2010):
The host device shall be properly labeled to identify the module within the host device.
The Industry Canada certification label of a module shall be clearly visible at all times when
installed in
host device must be labeled to display the Industry Canada
certification
number of the module, preceded by the words “Contains transmitter module”, or the word
“Contains”,
or similar wording expressing the same meaning, as follows:
Contains transmitter module IC: 12246A-BM23SPKXYC2
User Manual Notice for License‐Exempt Radio Apparatus (from Section 7.1.3 RSS‐Gen, Issue 3,
December 2010): User manuals for license‐exempt radio apparatus shall contain the following or
equivalent notice in a conspicuous location in the user manual or alternatively on the device or
both:
This device complies with Industry Canada license‐exempt RSS standard(s). Operation is
subject to the following two conditions: (1) this device may not cause interference, and
(2) this device must accept any interference, including interference that may cause
undesired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils
radio exempts de licence. L'exploitation est autorisée aux deux conditions suivantes: (1)
l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter
tout brouillage radioélectrique subi, même si le brouillage est susceptible d'en
compromettre le fonctionnement.
Transmitter Antenna (from Section 7.1.2 RSS‐Gen, Issue 3, December 2010): User
manuals for transmitters shall display the following notice in a conspicuous location:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com