Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1723 Datasheet(PDF) 5 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 5 Page - Microchip Technology

  RN1723 Datasheet HTML 1Page - Microchip Technology RN1723 Datasheet HTML 2Page - Microchip Technology RN1723 Datasheet HTML 3Page - Microchip Technology RN1723 Datasheet HTML 4Page - Microchip Technology RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 5
RN1723
TABLE 1-1:
PIN DESCRIPTIONS
Pin #
Name
Type
Description
1
GND
P
Ground reference
2
ISP_TX
DO
In-system programming transmit
3
ISP_RX
DI
In-system programming receive
4
GPIO9/SD_CLK/SCLK
DIO
General purpose I/O 9(1,2)/SDIO clock/SD-SPI slave SCLK
5
GPIO8/SD_D3/SS
DIO
General purpose I/O 8(1,3)/SDIO D3/SD-SPI slave select
6
GPIO7/SD_D2
DIO
General purpose I/O 7(1,3)/SDIO D2
7
GPIO6/SD_D1/INT
DIO
General purpose I/O 6(1,3)/SDIO D1/SD-SPI slave INT
8
GPIO5/SD_D0/MISO
DIO
General purpose I/O 5(1,3)/SDIO D0/SD-SPI slave MISO
9
GPIO4/SD_CMD/MOSI
DIO
General purpose I/O 4(1,3)/SDIO CMD/SD-SPI slave MOSI
10
VDD
P
Positive supply
11
GPIO3
DIO
General purpose I/O 3(1,1)
12
GPIO2
DIO
General purpose I/O 2(1,2)
13
GPIO1
DIO
General purpose I/O 1(1,2)
14
GND
P
Ground reference
15
SPI_CS
DO
SPI master chip select to internal Flash memory chip select (do not
connect)
16
SPI_MISO
DI
SPI master data Input to internal Flash memory data output (do not
connect)
17
SPI_SCK
DO
SPI master clock to internal Flash memory clock (do not connect)
18
SPI_MOSI
DO
SPI master data output to internal Flash memory data input (do not
connect)
19
FLASH_POWER
P
Internal Flash memory power
20
GND
P
Ground reference
21
GND
P
Ground reference
22
GND
P
Ground reference
23
GND
P
Ground reference
24
ANT
AIO
RF antenna. 50
 impedance
25
GND
P
Ground reference
26
GND
P
Ground reference
27
GND
P
Ground reference
28
GND
P
Ground reference
29
SENSOR0
AI
Sensor interface 0(4)
30
SENSOR1
AI
Sensor interface 1(4)
31
SENSOR2
AI
Sensor interface 2(4)
32
SENSOR3
AI
Sensor interface 3(4)
33
SENSOR_POWER
P
Sensor power
34
VDD
P
Positive supply
35
SENSOR4
AI
Sensor interface 4(4)
36
SENSOR5
AI
Sensor interface 5(4)
Legend: A = Analog;
D = Digital;
I = Input;
O = Output
P = Power
Note 1:
Refer to Section 5.0 “Electrical Characteristics” for the GPIO voltage and current limitations.
2:
Digital input/output (bidirectional) 8 mA drive, ~83 K internal pull-down. 3.3V tolerant.
Reset State: Pull-down.
3:
Digital input/output (bidirectional) 24 mA drive, no internal pull-down. 3.3V tolerant.
Reset State: High-Z (do not allow to float).
4:
Analog input. 0-400 mV (do not exceed 1.2V DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com