Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1723 Datasheet(PDF) 9 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology RN1723 Datasheet HTML 10Page - Microchip Technology RN1723 Datasheet HTML 11Page - Microchip Technology RN1723 Datasheet HTML 12Page - Microchip Technology RN1723 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 9
RN1723
2.0
CIRCUIT DESCRIPTION
(HARDWARE INTERFACE)
2.1
UART Interface
The UART interface supports 2-wire (RX and TX)
and 4-wire (RX, TX, CTS, and RTS) configurations
with hardware flow control. The logic levels are
CMOS voltage levels (not RS-232 voltage levels).
The UART interface supports the following baud
rates in bits per second:
• 2,400
• 4,800
• 9,600
• 19,200
• 38,400
•115,200
• 230,400
Refer to the “WiFly Command Reference, Advanced
Features
and
Applications
User's
Guide”
(DS50002230) for UART configuration information.
2.2
SPI Master Interface
The RN1723 module contains a master Serial
Peripheral
Interface
(SPI),
SPI_CS,
SPI_CLK,
SPI_MISO, and SPI_MOSI, that is connected to an
internal Flash memory. Do not connect these pins on
the host PCB.
2.3
SDIO Client Interface
The RN1723 modules contain an SDIO client with SD-
SPI mode and interface (SD_CLK/SCLK, SD_D3/SS,
SD-D2, SD_D1/INT, SD_D0/MISO, and SD_CMD/
MOSI). This interface is not currently implemented in
the WiFly application.
2.4
In-System Programming (ISP)
The ISP_TX, ISP_RX, and other pins allow in-system
programming of the module. The RN1723 module
firmware can be upgraded by ISP using a *.bin file.
Optionally, it is recommended to place the ISP header
on the host PCB to facilitate firmware upgrades during
development and manufacturing. The header is two
rows by 8 pins with a 0.050 inch space and pitch (Sam-
tech P/N FTSH-108-01-F-DV-K). Refer to Figure 3-3
for information about connecting to the module for ISP.
The RN-ISP in-system programming interface con-
nects to the module for ISP. In addition, refer to the RN-
ISP product page on the Microchip web site for more
information.
2.5
The Sensor Interface
External sensor devices can connect to the RN1723
module via its sensor interface. There are a total of 8
sensor interface inputs available. They are labeled
SENSOR_IF[0] – SENSOR_IF[7], on the RN1723 Pin
diagram, as shown in Figure 1-2.
The sensor interface is suitable for, but not limited to,
connecting the following type of devices:
• Analog-to-Digital Conversion sensors
• Switch sensor
• Vibration sensors, motion sensors, and ball-and-tube
sensors
In addition to providing data input to the RN1723
module, some of the sensors can be used to wake-up
the module from sleep. A typical use case would have
one sensor input wake up the module, while another
sensor input provides it with external data that can be
transmitted wirelessly.
2.6
Analog Sensor Inputs
Eight sensor interface input pins, SENSOR_IF0
through SENSORIF7, can be used as analog sensor
inputs. The sensor pins are 1.2V tolerant and can
accept input voltages up to 1.2V, but saturate at
400 mV.
The RN1723 14-bit Analog-to-Digital Converter (ADC)
requires a 35 ms conversion time, with 0.01% linearity.
The pertinent analog sensor input specifications are
provided in Table 2-1.
TABLE 2-1:
ANALOG SENSOR INPUTS
For additional instructions on how to read and manage
the data from the analog sensor inputs, please refer to
the show
q
<value>
command in the “WiFly
Command
Reference,
Advanced
Features
and
Applications User’s Guide” (DS50002230).
Note:
The
use
of
flow
control
is
highly
recommended to ensure proper data
integrity.
Note:
The over-the-air FTP update files (*.img
or *.mif) are not compatible with the ISP.
WARNING
DO NOT apply voltages greater than 1.2V on any
of the sensor pins. Failure to heed this warning
could
result
in
permanent
damage
to
the
module.
Parameter
Value
AD SENSOR_IF[0 – 7]
measurement range
0-400 mV (not to exceed
1.2 VDC)
Resolution
14 bits = 12 µV
Accuracy
5% uncalibrated; 0.01%
calibrated
Minimum conversion time 35 µs (5 kHz over Wi-Fi®)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com