Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1723 Datasheet(PDF) 1 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 1 Page - Microchip Technology

  RN1723 Datasheet HTML 1Page - Microchip Technology RN1723 Datasheet HTML 2Page - Microchip Technology RN1723 Datasheet HTML 3Page - Microchip Technology RN1723 Datasheet HTML 4Page - Microchip Technology RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 1
RN1723
Key Features:
• Complete, Embedded 2.4 GHz IEEE 802.11 b/g
Wireless LAN Module
• 14 General Purpose Input/Output (GPIO) Pins
(Four GPIO pins shared with the UART)
• Eight Analog Sensor Inputs
• Small Surface-Mount Module: 1.050” x 0.700” x
0.125” (26.67 mm x 17.78 mm x 3.18 mm)
• Integrated Crystal, Internal Voltage Regulator,
Matching Circuitry, Power Amplifier
• Integrates Easily into Final Product – Minimizes
Product Development, Provides Quicker Time to
Market
• Configured using Simple ASCII Commands
•Networking:
- Supports Infrastructure and SoftAp
Networking Modes
- Built-in Networking Applications: TCP, UDP,
DHCP, DNS, ARP, HTTP Client, and FTP Client
- Complete On-Board TCP/IP Networking
Stack
- Unique MAC Address
- Upgrade Firmware Over-the-Air using FTP
- Supports Wi-Fi® Protected Setup (WPS)
Power Management:
• Ultra Low-Power Sleep Mode (4 µA)
• Perfect for Portable Battery-Operated Devices
• Battery Boost Control Circuitry
• Real-Time Clock for Time Stamping, Auto-Sleep,
and Auto-Wake
Antenna:
• External Antenna Connection via RF Pad
• Certified Antenna Types: Chip, Whip, PCB Trace,
and Wire
Compliance:
• Modular Certified for the United States (FCC) and
Canada (IC)
• European R&TTE Directive Assessed Radio
Module
• Australia and New Zealand
FIGURE 1:
RN1723 MODULE
Media Access Control (MAC)/Baseband:
•Security:
- WEP-128
- WPA-PSK (TKIP)
- WPA2-PSK (AES)
- TLS 1.0, 1.1, and 1.2 (with external microprocessor)
Operational:
• Operating Voltage: 3.3V (typical)
• Temperature Range: -40°C to +85°C Industrial
• Low Current Consumption:
- RX mode: 40 mA
- TX mode: 120 mA at 0 dBm
- Sleep mode: 4 µA
- Doze mode: 15 mA
RF/Analog:
• Frequency: 2.412 to 2.462 GHz
• Modulation:
- 802.11b Compatibility: DSSS (CCK-11,
CCK-5.5, DQPSK-2, DBPSK-1)
- 802.11g: OFDM
- Receive Sensitivity: -83 dBm Typical
- Power Output: 0 to +12 dBm
Over-the-Air Data Rate:
• 1-11 Mbps for 802.11b
• 6-54 Mbps for 802.11g
Applications:
• Remote Equipment Monitoring
• Telemetry
• Industrial Sensors
• Home Automation
• Low-Power Battery Operations
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module


Similar Part No. - RN1723

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701JE TOSHIBA-RN1701JE Datasheet
550Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1702 TOSHIBA-RN1702 Datasheet
258Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1702JE TOSHIBA-RN1702JE Datasheet
550Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1703 TOSHIBA-RN1703 Datasheet
258Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1723

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
logo
List of Unclassifed Man...
RN131C ETC2-RN131C Datasheet
863Kb / 18P
RN-131G & RN-131C 802.11 b/g Wireless LAN Module
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
Industrial IEEE 802.11 b/g/n wireless access point
logo
Microchip Technology
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com