Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1723 Datasheet(PDF) 17 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 17 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 13Page - Microchip Technology RN1723 Datasheet HTML 14Page - Microchip Technology RN1723 Datasheet HTML 15Page - Microchip Technology RN1723 Datasheet HTML 16Page - Microchip Technology RN1723 Datasheet HTML 17Page - Microchip Technology RN1723 Datasheet HTML 18Page - Microchip Technology RN1723 Datasheet HTML 19Page - Microchip Technology RN1723 Datasheet HTML 20Page - Microchip Technology RN1723 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 17
RN1723
4.0
REGULATORY APPROVAL
This section outlines the regulatory information for the
RN1723 module for the following countries:
• United States
• Canada
• Europe
• Australia
• New Zealand
• Other Regulatory Jurisdictions
4.1
United States
The
RN1723
module
has
received
Federal
Communications
Commission
(FCC)
CFR47
Telecommunications, Part 15 Subpart C “Intentional
Radiators” modular approval in accordance with Part
15.212
Modular
Transmitter
approval.
Modular
approval allows the end user to integrate the RN1723
module into a finished product without obtaining
subsequent
and
separate
FCC
approvals
for
intentional
radiation,
provided
no
changes
or
modifications are made to the module circuitry.
Changes or modifications could void the user’s
authority to operate the equipment. The end user
must comply with all of the instructions provided by
the
Grantee,
which
indicate
installation
and/or
operating conditions necessary for compliance.
The finished product is required to comply with all
applicable FCC equipment authorizations regulations,
requirements and equipment functions not associated
with the transmitter module portion. For example,
compliance must be demonstrated to regulations for
other transmitter components within the host product;
to requirements for unintentional radiators (Part 15
Subpart B “Unintentional Radiators”), such as digital
devices, computer peripherals, radio receivers, etc.;
and to additional authorization requirements for the
non-transmitter functions on the transmitter module
(i.e., Verification, or Declaration of Conformity) (e.g.,
transmitter modules may also contain digital logic
functions) as appropriate.
4.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN1723 module has been labeled with its own
FCC ID number, and if the FCC ID is not visible when
the module is installed inside another device, then the
outside of the finished product into which the module is
installed must also display a label referring to the
enclosed module. This exterior label can use wording
as follows:
A user’s manual for the product should include the
following statement:
Additional
information
on
labeling
and
user
information requirements for Part 15 devices can be
found in KDB Publication 784748 available at the FCC
Office
of
Engineering
and
Technology
(OET)
Laboratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
Contains Transmitter Module FCC ID: OA3RN1723
or
Contains FCC ID: OA3RN1723
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.
This equipment has been tested and found to
comply with the limits for a Class B digital device,
pursuant to part 15 of the FCC Rules. These limits
are designed to provide reasonable protection
against
harmful
interference
in
a
residential
installation. This equipment generates, uses and
can radiate radio frequency energy, and if not
installed
and
used
in
accordance
with
the
instructions, may cause harmful interference to
radio
communications.
However,
there
is
no
guarantee that interference will not occur in a
particular installation. If this equipment does cause
harmful interference to radio or television reception,
which can be determined by turning the equipment
off and on, the user is encouraged to try to correct
the interference by one or more of the following
measures:
• Reorient or relocate the receiving antenna
• Increase the separation between the equipment
and receiver
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is
connected
• Consult the dealer or an experienced radio/TV
technician for help



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com