Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4677 Datasheet(PDF) 23 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 19Page - Microchip Technology RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 23
2.4.2
E
This command displays the extended settings of the device such as the service name,
service class and device class.
Example:
2.4.3
GB
This command returns the Bluetooth address of the device.
Example:
2.4.4
GK
This command returns the current connection status of the device. There are three
single digit values returned, which are separated by a comma.
The first digit indicates the status of the Bluetooth connection: 0 means no connection,
and 1 means connected.
The second digit indicates authentication status, which is shown in Table 2-3.
The third digit indicates the type of connection, which is shown in Table 2-4.
Example:
2.4.5
G:,<H16>,<H8>
This command reads the settings from configuration EEPROM.
This command expects two parameters. The first parameter is the 16-bit hex value of
the starting memory address for configuration to read. The second parameter is the
8-bit hex value for the length of configuration to be read. This value must be less than
32, or 0x20 in hex format.
Example:
2.4.6
G<char>
This command displays the stored settings for a Set command, where <char> is a Set
command name.
Example:
E
// Display extended settings
GB
// Display the device's Bluetooth address
TABLE 2-3:
AUTHENTICATION STATUS
Value
Description
0
No BLE authentication
3
APP closed; no data transfer possible
6
BLE link authenticated
TABLE 2-4:
CONNECTION TYPES
Value
Description
0
SPP
2BLE
GK
// Display current connection status
G:,0010,10
// Read the device name up to 16 bytes, which is stored
// starting from address 0x0010
GA
// Return Authentication mode set by command SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com