Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4677 Datasheet(PDF) 18 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 14Page - Microchip Technology RN4677 Datasheet HTML 15Page - Microchip Technology RN4677 Datasheet HTML 16Page - Microchip Technology RN4677 Datasheet HTML 17Page - Microchip Technology RN4677 Datasheet HTML 18Page - Microchip Technology RN4677 Datasheet HTML 19Page - Microchip Technology RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
RN4677 Bluetooth® 4.0 Dual Mode Module User’s Guide
DS50002377A-page 18
 2015 Microchip Technology Inc.
2.3.9
SM,<value>
This command sets the mode, where <value> is a number as shown in Table 2-2.
Default:
0
Example:
2.3.10
SN,<string>
This command sets the device name, where <string> is up to 16 alphanumeric
characters.
Default:
N/A
Example:
2.3.11
SO,<string1>[,<string2>]
This command sets the extended status string, where <string1> and <string2> are up
to four alphanumeric characters each. Setting these strings to from one to four
characters permits status messages to be sent to the RN4677 UART port. The first
string is the prefix to the message, and the optional second string is the postfix to the
message. For instance, when a Bluetooth Classic connection is established, the device
sends the string <string1>CONNECT<string2>.
If the first parameter is a space, then both prefix and postfix are cleared, and no
extended status string becomes an output.
Default:
%,%
Example:
2.3.12
SP,<string>
This command sets the security pin code, where <string> is either a 4-digit or a 6-digit
pin. The 4-digit pin is used for legacy pin code pairing, while the 6-digit pin is used for
SSP authentication in BLE if a fixed pin is desirable. The fixed 6-digit pin code in BLE
is not supported by many of the Bluetooth Low Energy implementations.
Default:
1234
Example:
TABLE 2-2:
MODE VALUES
Value
Description
0Slave mode
1
Master mode
3
Auto-Connect Master mode
6
Pairing mode
SM,1
// Set the mode to Master
SN,MyDevice
// Set the device name to "MyDevice"
SO,<,>
// Set the prefix and postfix of the message to <and>
//respectively
SP,0123
// Set pin code to "0123"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com