Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4677 Datasheet(PDF) 17 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 17 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 13Page - Microchip Technology RN4677 Datasheet HTML 14Page - Microchip Technology RN4677 Datasheet HTML 15Page - Microchip Technology RN4677 Datasheet HTML 16Page - Microchip Technology RN4677 Datasheet HTML 17Page - Microchip Technology RN4677 Datasheet HTML 18Page - Microchip Technology RN4677 Datasheet HTML 19Page - Microchip Technology RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 17
2.3.4
SE,<H16>
This command only applies to Bluetooth Classic.
This command sets the universally unique identifier (UUID) for service discovery
process. It only supports standard 16-bit UUID.
Default:
1101
Example:
2.3.5
SF,1
This command restores the device to the factory defaults.
Example:
2.3.6
SG,<0-2>
This command changes Bluetooth modes between Classic 2.1 + EDR (SPP) and Low
Energy 4.0. It accepts one parameter with the following values:
2.3.7
SI,<H16>
This command only applies to Bluetooth Classic.
The Inquiry Scan Window command sets the length of time the device spends enabling
an inquiry scan (discoverability). The minimum value is 0x0012, corresponding to
about a 1% duty cycle. The page scan interval is fixed at 0x1000. The default window
is 0x0100. The maximum value is 0x0800. Set this parameter to 0x0000 to disable
inquiry scanning and render the device undiscoverable. If the host already made the
pairing, the inquiry scan is not used.
Default:
0100
Example:
2.3.8
SJ,<H16>
This command only applies to Bluetooth Classic.
The Page Scan Window command sets the amount of time the device spends enabling
page scanning (connectable). The minimum value is 0x0012, which corresponds to
about a 1% duty cycle. The page scan interval is fixed at 0x1000. The default window
is 0x0100. The maximum value is 0x800. Set this option to 0x0000 to disable page
scanning and render the device nonconnectable.
Default:
0100
Example:
SE,1101
// Set UUID for serial port
SF,1
// Restore factory defaults
Parameter Value
Bluetooth Mode
0
Dual mode
1
Only Bluetooth Low Energy
2
Only Bluetooth Classic
SI,0200
// Set inquiry scan window to 0x0200
SJ,0200
// Set the page scan window to 0x0200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com