Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4677 Datasheet(PDF) 24 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 24 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology RN4677 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
RN4677 Bluetooth® 4.0 Dual Mode Module User’s Guide
DS50002377A-page 24
 2015 Microchip Technology Inc.
2.5
ACTION COMMANDS
Action commands perform actions such as inquiries, connecting, and entering/exiting
Command mode. Action commands do not return AOK.
2.5.1
$$$
This command causes the device to enter Command mode and display command
prompt. The device passes characters as data until it sees this exact sequence.
The escape character to enter Command mode can be changed with the S$ command.
Example:
2.5.2
---
This command causes the device to exit Command mode, displaying END.
Example:
2.5.3
+
This command toggles the local echo on and off. If the + command is sent in Command
mode, all typed characters are echoed to the output. Typing + a second time turns local
echo off.
Default:
Off
Example:
2.5.4
A[,<H16>,<H16>]
This command only applies to BLE.
This command starts the advertisement. Optionally, it can take up to two parameters.
The first parameter is the 16-bit hex value of the advertisement interval with the unit of
0.625 ms.
The second parameter is the 16-bit hex value of the advertisement lasting time with the
unit of millisecond. After this time, the advertisement stops. If the second parameter is
not set but the first parameter is set, advertisement starts with interval of the parameter
1 until a connection is established.
If no parameter is given, the advertisement starts with an interval of 20 ms for 10s and
then increase the advertisement interval to 160 ms to save power.
Example:
2.5.5
B
This command only applies to BLE.
Command B is used to secure the connection and bond two connected devices.
Command B is only effective if the two devices are already connected. Bonding can be
issued from either the central or the peripheral device.
Once bonded, security materials are saved in both end of the connection. Therefore,
reconnection between bonded devices does not require authentication as reconnection
can be done in a very short time.
$$$
// Enter Command mode
---
// Exit Command mode
+
// Turn local echo on
A,0040,03E8
// Advertise with interval of 40 ms for 1 second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com