Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3240D Datasheet(PDF) 34 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 34 Page - Micronas

Back Button VPC3240D Datasheet HTML 30Page - Micronas VPC3240D Datasheet HTML 31Page - Micronas VPC3240D Datasheet HTML 32Page - Micronas VPC3240D Datasheet HTML 33Page - Micronas VPC3240D Datasheet HTML 34Page - Micronas VPC3240D Datasheet HTML 35Page - Micronas VPC3240D Datasheet HTML 36Page - Micronas VPC3240D Datasheet HTML 37Page - Micronas VPC3240D Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
34
Micronas
h’28
16
w/r
AVO START:
bit[10:0]
AVO START defines the beginning of the
AVO signal in respect to the value of the
sync counter.
bit[11]
reserved (set to 0)
bit[12]
0/1
dis/enable suppression of AVO during VBI
and invalid video lines
bit[13]
0/1
vertical standard for flywheel
(312/262 lines) used if FLW is set
bit[14]
0/1
disable interlace for flywheel
bit[15]
0/1
enable vertical free run mode (flywheel)
60
0
0
0
AVSTRT
AVOGATE
FLWSTD
DIS_INTL
FLW
h’29
16
w/r
AVO STOP:
bit[10:0]
AVO STOP defines the end of the AVO
signal in respect to the value of the
sync counter.
bit[15:11]
reserved for test picture generation
(set to 0 in normal operation)
bit[11]
0/1
disable/enable test pattern generator
bit[13:12]
luma output mode:
00
Y = ramp (240 ... 17)
01
Y = 16
10
Y = 90
11
Y = 240
bit[14]
0/1
chroma output: 422/411 mode
bit[15]
0/1
chroma output: pseudo color bar/zero
if LMODE = 0
0
0
0
0
0
AVSTOP
COLBAREN
LMODE
M411
CMODE
h’22
16
w/r
NEWLINE:
bit[10:0]
NEWLINE defines the readout start of the
next line in respect to the value of the sync
counter. The value of this register must be
greater than 31 for correct operation and
should be identical to AVOSTART (recom-
mended). In case of 1H-bypass mode for
scaler block, NEWLINE has no function.
bit[15:11]
reserved (set to 0)
50
NEWLIN
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com