Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3240D Datasheet(PDF) 63 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 63 Page - Micronas

Back Button VPC3240D Datasheet HTML 59Page - Micronas VPC3240D Datasheet HTML 60Page - Micronas VPC3240D Datasheet HTML 61Page - Micronas VPC3240D Datasheet HTML 62Page - Micronas VPC3240D Datasheet HTML 63Page - Micronas VPC3240D Datasheet HTML 64Page - Micronas VPC3240D Datasheet HTML 65Page - Micronas VPC3240D Datasheet HTML 66Page - Micronas VPC3240D Datasheet HTML 67Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
63
4.6.4.5. Characteristics, FPDAT Input/Output
4.6.4.6. Characteristics, I2C Bus Interface
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
FPDAT
––
0.5
V
IOL = 4.0 mA
tOH
Output Hold Time
6
–
–
ns
tODL
Output Delay Time
–
–
35
ns
CL = 40 pF
VIL
Input Low Voltage
–
–
0.8
V
VIH
Input High Voltage
1.5
–
–
V
tIS
Input Setup Time
7
–
–
ns
tIH
Input Hold Time
5
–
–
ns
CL
Load capacitance
–
40
pF
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
SDA, SCL
–
–
1.0
V
VIH
Input High Voltage
2.0
–
–
V
VOL
Output Low Voltage
–
–
0.4
0.6
V
V
Il = 3 mA
Il = 6 mA
VIH
Input Capacitance
–
–
5
pF
tF
Signal Fall Time
–
–
300
ns
CL = 400 pF
tR
Signal Rise Time
–
–
300
ns
CL = 400 pF
fSCL
Clock Frequency
SCL
0
–
400
kHz
tLOW
Low Period of SCL
1.3
–
–
µs
tHIGH
High Period of SCL
0.6
–
–
µs
tSU Data
Data Set Up Time to SCL high
SDA
100
–
–
ns
tHD Data
DATA Hold Time to SCL low
0
–
0.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com