Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3240D Datasheet(PDF) 12 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 12 Page - Micronas

Back Button VPC3240D Datasheet HTML 8Page - Micronas VPC3240D Datasheet HTML 9Page - Micronas VPC3240D Datasheet HTML 10Page - Micronas VPC3240D Datasheet HTML 11Page - Micronas VPC3240D Datasheet HTML 12Page - Micronas VPC3240D Datasheet HTML 13Page - Micronas VPC3240D Datasheet HTML 14Page - Micronas VPC3240D Datasheet HTML 15Page - Micronas VPC3240D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
12
Micronas
2.3.8. PAL Compensation/1-H Comb Filter
The color decoder uses one fully integrated delay line.
Only active video is stored.
The delay line application depends on the color stan-
dard:
–NTSC:
1-H comb filter or color compensation
– PAL:
color compensation
– SECAM: crossover-switch
In the NTSC compensated mode, Fig. 2–6 c), the color
signal is averaged for two adjacent lines. Thus,
cross-color distortion and chroma noise is reduced. In
the NTSC 1-H comb filter mode, Fig. 2–6 d), the delay
line is in the composite signal path, thus allowing
reduction of cross-color components, as well as
cross-luminance. The loss of vertical resolution in the
luminance channel is compensated by adding the ver-
tical detail signal with removed color information. If the
4H adaptive comb filter is used, the 1-H NTSC comb
filter has to be deselected.
Fig. 2–6: NTSC color decoding options
Fig. 2–7: PAL color decoding options
Fig. 2–8: SECAM color decoding
chroma
Notch
filter
8
Chroma
Process.
CVBS
Y
1 H
Delay
8
CVBS
Chroma
Process.
Notch
filter
Y
8
Chroma
Process.
Luma
Y
8
C C
r b
C C
r b
C C
r b
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
C C
r b
d) comb filter
c) compensated
a) conventional
b) S-VHS
Chroma
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
8
Chroma
Process.
Luma
Y
8
1 H
Delay
C C
r b
C C
r b
a) conventional
b) S-VHS
MUX
Notch
filter
1 H
Delay
8
Chroma
Process.
CVBS
Y
C C
r b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com